Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNIFOX-R-VDE Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # UNIFOX-R-VDE
Description  Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

UNIFOX-R-VDE Datasheet(HTML) 1 Page - PHOENIX CONTACT

  UNIFOX-R-VDE Datasheet HTML 1Page - PHOENIX CONTACT UNIFOX-R-VDE Datasheet HTML 2Page - PHOENIX CONTACT UNIFOX-R-VDE Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1212364
24.10.2013   Page 1 / 3
Tool - UNIFOX-R VDE - 1212364
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
Product Features
 Notched grip areas
 Ergonomic handle design to eliminate fatigue when working
 Excellent transformation ratios for optimum gripping performance
 Forged die hardened in oil for maximum durability
 UNIFOX ... VDE-insulated flat-nose, round-nose, and water pump pliers
Key commercial data
Packing unit
1 1
Weight per Piece (excluding packing)
160.0 GRM
Custom tariff number
82032000
Country of origin
Germany
Technical data
Dimensions
Length (b)
160 mm
General
Color
black
Test standard
DIN EN 60900 (VDE 0682 PART 201)
DIN ISO 5745
Classifications
eCl@ss
eCl@ss 4.0
21040302
eCl@ss 4.1
21040302
eCl@ss 5.0
21040302


Similar Part No. - UNIFOX-R-VDE

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
UNIFOX-R-VDE-DB PHOENIX-UNIFOX-R-VDE-DB Datasheet
52Kb / 2P
Ergonomic handle design to eliminate fatigue when working
More results

Similar Description - UNIFOX-R-VDE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
logo
PHOENIX CONTACT
CUTFOX-S-VDE PHOENIX-CUTFOX-S-VDE Datasheet
53Kb / 2P
Diagonal cutter for hard (piano wire) and soft wires, VDE 1000 V AC/1500 V DC tested
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
CUTFOX-SP-BOLT-VDE PHOENIX-CUTFOX-SP-BOLT-VDE Datasheet
45Kb / 2P
Power diagonal cutter, 200 mm, induction-hardened cutting, VDE 1000 V AC/ 1500 V DC tested
CUTFOX-S-VDE-M PHOENIX-CUTFOX-S-VDE-M Datasheet
53Kb / 2P
Diagonal cutter, 130 mm, induction-hardened cutting, VDE 1000 V AC/ 1500 V DC tested
UNIFOX-C-VDE PHOENIX-UNIFOX-C-VDE Datasheet
47Kb / 3P
Combination pliers, cross-notched grip area, integrated M8 - M10 ring wrench, VDE 1000 V AC/1500 V DC tested
UNIFOX-F-VDE PHOENIX-UNIFOX-F-VDE Datasheet
52Kb / 2P
Flat-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-PC-VDE PHOENIX-UNIFOX-PC-VDE Datasheet
47Kb / 3P
Needle-nose pliers with blade, angled 45째, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-P-VDE PHOENIX-UNIFOX-P-VDE Datasheet
50Kb / 2P
Needle-nose pliers with blade, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-WP-DB PHOENIX-UNIFOX-WP-DB Datasheet
51Kb / 2P
Notched grip areas
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com