Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNIFOX-R-VDE-DB Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # UNIFOX-R-VDE-DB
Description  Ergonomic handle design to eliminate fatigue when working
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

UNIFOX-R-VDE-DB Datasheet(HTML) 1 Page - PHOENIX CONTACT

  UNIFOX-R-VDE-DB Datasheet HTML 1Page - PHOENIX CONTACT UNIFOX-R-VDE-DB Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1212812
08/14/2018   Page 1 / 2
Tool - UNIFOX-R VDE_DB - 1212812
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Round-nose pliers, finely notched gripping surface, VDE 1000 V AC/1500 V DC tested, type of packaging:
with holder for sales display (backcard)
Why buy this product
 Notched grip areas
 Ergonomic handle design to eliminate fatigue when working
 Excellent transformation ratios for optimum gripping performance
 Forged die hardened in oil for maximum durability
 UNIFOX ... VDE-insulated flat-nose, round-nose, and water pump pliers
Key Commercial Data
Packing unit
6 STK
GTIN
GTIN
4046356994767
Technical data
Dimensions
Length (b)
160 mm
General
Color
black
Test standard
DIN EN 60900 (VDE 0682 PART 201)
DIN ISO 5745
Weight
160 g
Standards and Regulations
Test standard
DIN EN 60900 (VDE 0682 PART 201)
DIN ISO 5745
Approvals
Approvals


Similar Part No. - UNIFOX-R-VDE-DB

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
UNIFOX-R-VDE PHOENIX-UNIFOX-R-VDE Datasheet
48Kb / 3P
Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
More results

Similar Description - UNIFOX-R-VDE-DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
logo
PHOENIX CONTACT
CUTFOX-18 PHOENIX-CUTFOX-18 Datasheet
49Kb / 2P
Ergonomic handle design to eliminate fatigue when working
CRIMPFOX-CENTRUS-6H PHOENIX-CRIMPFOX-CENTRUS-6H Datasheet
47Kb / 2P
Ergonomic handle design ensures comfortable, fatigue-free handling
CRIMPFOX-CENTRUS-10H PHOENIX-CRIMPFOX-CENTRUS-10H Datasheet
47Kb / 2P
Ergonomic handle design ensures comfortable, fatigue-free handling
UNIFOX-CE-VDE PHOENIX-UNIFOX-CE-VDE Datasheet
51Kb / 2P
Ergonomic handle design to eliminate fatigue when working
UNIFOX-CE-VDE-DB PHOENIX-UNIFOX-CE-VDE-DB Datasheet
54Kb / 2P
Ergonomic handle design to eliminate fatigue when working
UNIFOX-F-VDE-DB PHOENIX-UNIFOX-F-VDE-DB Datasheet
53Kb / 2P
Ergonomic handle design to eliminate fatigue when working
UNIFOX-WP PHOENIX-UNIFOX-WP Datasheet
45Kb / 2P
Ergonomic handle design to eliminate fatigue when working
UNIFOX-WRENCH PHOENIX-UNIFOX-WRENCH Datasheet
42Kb / 2P
Ergonomic handle design to eliminate fatigue when working
2203153 PHOENIX-2203153 Datasheet
55Kb / 2P
Ergonomic straight or staggered housing design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com