Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNIFOX-RVT-M Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # UNIFOX-RVT-M
Description  Compact, ergonomically shaped pliers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

UNIFOX-RVT-M Datasheet(HTML) 1 Page - PHOENIX CONTACT

  UNIFOX-RVT-M Datasheet HTML 1Page - PHOENIX CONTACT UNIFOX-RVT-M Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/1212476
08.08.2012   Page 1 / 2
Tool - UNIFOX-RVT M - 1212476
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Blind rivet pliers, compact and stable design, for rivets 2.4 - 5.0 mm in diameter, with three
nosepieces and wrench
Why buy this product
 Special rivets are available for fixing RW... and UW... high-current panel feed-through terminal blocks that are specifically designed
for terminal blocks
 Compact, ergonomically shaped pliers
 3 inserts for rivet diameter of 2.4 - 3.2 mm, 4 mm, and 4.8 - 5.0 mm
Key commercial data
Packing unit
0
Minimum order quantity
1
Catalog page
Page 254 (CL2-2011)
GTIN
Custom tariff number
82055980
Country of origin
CHINA
Technical data
General
Color
black
Material
Aluminum (AlMg 3/3.5)/galvanized steel
Classifications
eclass
eCl@ss 4.0
21040301
eCl@ss 4.1
21040301
eCl@ss 5.0
21040301
eCl@ss 5.1
21040301
eCl@ss 6.0
21100190
eCl@ss 7.0
21100190
etim
ETIM 3.0
EC000181


Similar Part No. - UNIFOX-RVT-M

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
UNIFOX-RVT-P-4 PHOENIX-UNIFOX-RVT-P-4 Datasheet
47Kb / 2P
Rivet setting tool, for use with RVT-PA 4 plastic body-bound rivets
UNIFOX-RVT-P-6 PHOENIX-UNIFOX-RVT-P-6 Datasheet
47Kb / 2P
Rivet setting tool, for use with RVT-PA 6 plastic body-bound rivets
More results

Similar Description - UNIFOX-RVT-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
SF-THEX-2-100 PHOENIX-SF-THEX-2-100 Datasheet
44Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 2 x 100 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-4-150 PHOENIX-SF-THEX-4-150 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 4 x 150 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-5-150 PHOENIX-SF-THEX-5-150 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 5 x 150 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-10-200 PHOENIX-SF-THEX-10-200 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 10 x 200 mm, ergonomically shaped handle, matt chrome-plated
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com