Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP03313 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03313
Description  SAW Filter 156.80MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03313 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03313 Datasheet HTML 1Page - Golledge Electronics Ltd MP03313 Datasheet HTML 2Page - Golledge Electronics Ltd MP03313 Datasheet HTML 3Page - Golledge Electronics Ltd MP03313 Datasheet HTML 4Page - Golledge Electronics Ltd MP03313 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 156.80MHz
Model: TB0399A
Part No: MP03313
Rev No: 1
TB0399A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. Operating Temperature: -30°C to +60°C
3. Storage Temperature: -40°C to +85°C
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Characteristics
Value
Note
Min.
Typ.
Max.
Center frequency Fc MHz
-
156.8
-
-
Minimum Insertion loss IL dB
-
12.5
14
-
Ripple (Fc +7.5MHz ~ Fc -7.5MHz) MHz
-
0.7
1
3dB Bandwidth MHz
15
18.1
-
40dB Bandwidth MHz
-
22.0
23
Substrate Material
YZLNO3
Temperature Coefficient ppm/°C
-94
Relative Rejection (Reference to Minimum Insertion loss)
10 ~ 144MHz dB
40
44
170 ~ 326MHz dB
40
48


Similar Part No. - MP03313

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03312 GOLLEDGE-MP03312 Datasheet
145Kb / 5P
SAW Filter 240MHz
MP03314 GOLLEDGE-MP03314 Datasheet
101Kb / 6P
SAW Filter 48MHz
More results

Similar Description - MP03313

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com