Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSR033FS0450 Datasheet(PDF) 6 Page - Littelfuse

Part # PSR033FS0450
Description  PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS0450 Datasheet(HTML) 6 Page - Littelfuse

Back Button PSR033FS0450 Datasheet HTML 2Page - Littelfuse PSR033FS0450 Datasheet HTML 3Page - Littelfuse PSR033FS0450 Datasheet HTML 4Page - Littelfuse PSR033FS0450 Datasheet HTML 5Page - Littelfuse PSR033FS0450 Datasheet HTML 6Page - Littelfuse PSR033FS0450 Datasheet HTML 7Page - Littelfuse PSR033FS0450 Datasheet HTML 8Page - Littelfuse PSR033FS0450 Datasheet HTML 9Page - Littelfuse PSR033FS0450 Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.littelfuse.com
© 2018 Littelfuse POWR-GARD® Products
Rev: 041918
POWR-SPEED® Fuse Datasheet
6 of 28
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
Dimensions (30 Case Size)
Millimeters [inches]
Document Number:
OL-PSR030FL0000 Rev. B and OL-PSR030FS0000 Rev. B
FL Stud Size:
M8 x 1.25 - 6H
6.0 [0.24]
FS Stud Size:
5/16-18UNC -2B
6.0 [0.24]
Recommended Torque:
13.5 Nm
FUSE WITH MICROSWITCH
76.4
[3.01]
VISUAL INDICATOR
¼" Q.C.
TERMINAL
47.4 [1.86] REF
43.0
[1.69]
43.0
[1.69]
49.0 [1.93] REF
M8x1.25 - 6H
6.00
8.50 X 82.0°
M8x1.25 - 6H
0.24
0.33 X 82.0°
[
]
17
[0.7]
M4x0.7 THREAD
10.00[.394]
STUD LENGTH
49.0 - 51.0
1.93 - 2.01]
]
SEE STUD SIZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com