Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSR033FS2000 Datasheet(PDF) 12 Page - Littelfuse

Part # PSR033FS2000
Description  PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS2000 Datasheet(HTML) 12 Page - Littelfuse

Back Button PSR033FS2000 Datasheet HTML 8Page - Littelfuse PSR033FS2000 Datasheet HTML 9Page - Littelfuse PSR033FS2000 Datasheet HTML 10Page - Littelfuse PSR033FS2000 Datasheet HTML 11Page - Littelfuse PSR033FS2000 Datasheet HTML 12Page - Littelfuse PSR033FS2000 Datasheet HTML 13Page - Littelfuse PSR033FS2000 Datasheet HTML 14Page - Littelfuse PSR033FS2000 Datasheet HTML 15Page - Littelfuse PSR033FS2000 Datasheet HTML 16Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
www.littelfuse.com
© 2018 Littelfuse POWR-GARD® Products
Rev: 041918
POWR-SPEED® Fuse Datasheet
12 of 28
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-PSR072FL0000
Littelfuse® REVISION DRWGNO.
TITLE
C
DRWDATE
GRAMS/PIECE
FINISH GOOD WT
tveselsk
2/15/2016
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS,-MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
SQUARE BODY 72 SIZE OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
03/16/2016
5XXXXGCP - RELEASED -TV
M4x0.7 THREAD
10.00 [.394]
STUD LENGTH
1
4
" Q.C.
TERMINAL
VISUAL INDICATOR
MOUNTING SPECS:
STUD SIZE: M10
STUD TORQUE: 26Nm
FUSE WITH MICROSWITCH
72.2 [2.84] REF
93.4 [3.678]
M10x1.5 - 6H
11.50
11.25 X 82°
M10x1.5 - 6H
.45
.44 X 82°
[]
23 [.9]
60.0 [2.36]
60.0 [2.36]
66.0 [2.60] REF
74.0 - 76.0
[2.91 - 2.99]
DATA SHEET REVISION: XXXXXX
M8x1.25 - 6H
8.00
8.50 X 82.0°
M8x1.25 - 6H
0.31
0.33 X 82.0°
[]
20
[0.8]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-PSR072FL0000
Littelfuse® REVISION DRWGNO.
TITLE
C
DRWDATE
GRAMS/PIECE
FINISH GOOD WT
tveselsk
2/15/2016
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS,-MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
SQUARE BODY 72 SIZE OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
03/16/2016
5XXXXGCP - RELEASED -TV
M4x0.7 THREAD
10.00 [.394]
STUD LENGTH
1
4
" Q.C.
TERMINAL
VISUAL INDICATOR
MOUNTING SPECS:
STUD SIZE: M10
STUD TORQUE: 26Nm
FUSE WITH MICROSWITCH
72.2 [2.84] REF
93.4 [3.678]
M10x1.5 - 6H
11.50
11.25 X 82°
M10x1.5 - 6H
.45
.44 X 82°
[]
23 [.9]
60.0 [2.36]
60.0 [2.36]
66.0 [2.60] REF
74.0 - 76.0
[2.91 - 2.99]
DATA SHEET REVISION: XXXXXX
M8x1.25 - 6H
8.00
8.50 X 82.0°
M8x1.25 - 6H
0.31
0.33 X 82.0°
[]
20
[0.8]
Dimensions (72 Case Size)
Millimeters [inches]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-PSR072FL0000
Littelfuse® REVISION DRWGNO.
TITLE
C
DRWDATE
GRAMS/PIECE
FINISH GOOD WT
tveselsk
2/15/2016
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS,-MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
SQUARE BODY 72 SIZE OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
03/16/2016
5XXXXGCP - RELEASED -TV
M4x0.7 THREAD
10.00 [.394]
STUD LENGTH
1
4
" Q.C.
TERMINAL
VISUAL INDICATOR
MOUNTING SPECS:
STUD SIZE: M10
STUD TORQUE: 26Nm
FUSE WITH MICROSWITCH
72.2 [2.84] REF
93.4 [3.678]
M10x1.5 - 6H
11.50
11.25 X 82°
M10x1.5 - 6H
.45
.44 X 82°
[]
23 [.9]
60.0 [2.36]
60.0 [2.36]
66.0 [2.60] REF
74.0 - 76.0
[2.91 - 2.99]
DATA SHEET REVISION: XXXXXX
M8x1.25 - 6H
8.00
8.50 X 82.0°
M8x1.25 - 6H
0.31
0.33 X 82.0°
[]
20
[0.8]
Document Number:
OL-PSR072FL0000 Rev. B and OL-PSR072FS0000 Rev. B
FL Stud Size:
M10x1.5 - 6H
11.5 [0.45]
FS Stud Size:
3/8-16UNC -2B
11.5 [0.45]
Recommended Torque:
26 Nm
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-PSR072FL0000
Littelfuse® REVISION DRWGNO.
TITLE
C
DRWDATE
GRAMS/PIECE
FINISH GOOD WT
tveselsk
2/15/2016
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS,-MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
SQUARE BODY 72 SIZE OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
03/16/2016
5XXXXGCP - RELEASED -TV
M4x0.7 THREAD
10.00 [.394]
STUD LENGTH
1
4
" Q.C.
TERMINAL
VISUAL INDICATOR
MOUNTING SPECS:
STUD SIZE: M10
STUD TORQUE: 26Nm
FUSE WITH MICROSWITCH
72.2 [2.84] REF
93.4 [3.678]
M10x1.5 - 6H
11.50
11.25 X 82°
M10x1.5 - 6H
.45
.44 X 82°
[]
23 [.9]
60.0 [2.36]
60.0 [2.36]
66.0 [2.60] REF
74.0 - 76.0
[2.91 - 2.99]
DATA SHEET REVISION: XXXXXX
M8x1.25 - 6H
8.00
8.50 X 82.0°
M8x1.25 - 6H
0.31
0.33 X 82.0°
[]
20
[0.8]
SEE STUD SIZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com