Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSM223C Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HSM223C
Description  Silicon Epitaxial Planar Diode for High Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSM223C Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HSM223C Datasheet HTML 1Page - Hitachi Semiconductor HSM223C Datasheet HTML 2Page - Hitachi Semiconductor HSM223C Datasheet HTML 3Page - Hitachi Semiconductor HSM223C Datasheet HTML 4Page - Hitachi Semiconductor HSM223C Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSM223C
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Peak reverse voltage
V
RM
85
V
Reverse voltage
V
R
80
V
Peak forward current
I
FM
300
mA
Non-Repetitive peak forward surge current
I
FSM*4
A
Average forward current
I
O
100
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Note:
Within 1
µs forward surge current.
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F1
—
0.76
1.0
V
I
F = 10mA
V
F2
—
0.88
1.0
I
F = 50mA
V
F3
—
0.97
1.2
I
F = 100mA
Reverse current
I
R
—
—
0.1
µAV
R = 80V
Capacitance
C
—
0.5
2.0
pF
V
R = 0V, f = 1MHz
Reverse recovery time
t
rr
—
—
3.0
ns
I
F = 10mA, VR = 6V, RL= 50Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com