Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83 Datasheet(PDF) 1 Page - Bi technologies

Part # HT83
Description  Common Mode Chokes for High Speed Telecommunications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HT83 Datasheet(HTML) 1 Page - Bi technologies

  HT83 Datasheet HTML 1Page - Bi technologies HT83 Datasheet HTML 2Page - Bi technologies HT83 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6
6-159
Model HT83 Series
NEW PRODUCT
MODEL HT83 SERIES
Common Mode Chokes
for High Speed
Telecommunications
• Supports industry standard VDSL/HDSL transceivers
• Excellent common mode attenuation characteristics
• Meets standard dielectric withstanding voltage requirements
• Available in through hole and surface mount designs with gold plated leadless pads
• Conforms to ANSI, ITU and ETSI standards
• Can be customized to meet unique specifications
APPLICATIONS
• Designed for 784 Kb/s, 1168 Kb/s and up to 18.8 Mb/s applications
FEATURES AND BENEFITS
Open
Parallel
Part
Circuit
0.5 MHz
1.0 MHz
10.0 MHz
50 MHz
100 MHz
Impedance
Number
Inductance
dB
dB
dB
dB
dB
@ 10 MHz
HT83-99626
2.7 mH
45
49
35
–
–
7.5 K
Ω
HT83-99654
1 mH
20
30
30
20
20
–
HT83-99655
24 µH
–
5
20
20
20
–
ELECTRICAL @ 25°C
Specifications subject to change without notice.
Common Mode Attenuation


Similar Part No. - HT83

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HT83-00007 BITECH-HT83-00007 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
HT83-00787 BITECH-HT83-00787 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
HT83-05088 BITECH-HT83-05088 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
HT83-99655 BITECH-HT83-99655 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
logo
Holtek Semiconductor In...
HT83003 HOLTEK-HT83003 Datasheet
300Kb / 21P
Q-Voice
August 25, 2003
More results

Similar Description - HT83

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
Common-Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
COMMON MODE CHOKES
logo
RENCO ELECTRONICS, INC.
RL-4400-1H RENCO-RL-4400-1H Datasheet
1Mb / 2P
COMMON MODE CHOKES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com