Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS874002 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS874002
Description  PCI EXPRESS JITTER ATTENUATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS874002 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS874002 Datasheet HTML 1Page - Integrated Circuit Systems ICS874002 Datasheet HTML 2Page - Integrated Circuit Systems ICS874002 Datasheet HTML 3Page - Integrated Circuit Systems ICS874002 Datasheet HTML 4Page - Integrated Circuit Systems ICS874002 Datasheet HTML 5Page - Integrated Circuit Systems ICS874002 Datasheet HTML 6Page - Integrated Circuit Systems ICS874002 Datasheet HTML 7Page - Integrated Circuit Systems ICS874002 Datasheet HTML 8Page - Integrated Circuit Systems ICS874002 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Integrated
Circuit
Systems, Inc.
874002AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 19, 2005
2
ICS874002
PCI EXPRESS™
JITTER ATTENUATOR
PRELIMINARY
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
0
2
,
10
A
Q
,
0
A
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
S
D
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
9
1
,
2V
O
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
3T
U
O
_
B
Ft
u
p
t
u
O.
t
u
p
t
u
o
k
c
a
b
d
e
e
f
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
4T
U
O
_
B
F
nt
u
p
t
u
O.
t
u
p
t
u
o
k
c
a
b
d
e
e
f
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
5R
Mt
u
p
n
In
w
o
d
ll
u
P
e
r
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
t
e
s
e
R
r
e
t
s
a
M
H
G
I
H
e
v
i
t
c
A
s
t
u
p
t
u
o
d
e
t
r
e
v
n
i
e
h
t
d
n
a
w
o
l
o
g
o
t
)
x
Q
n
(
s
t
u
p
t
u
o
e
u
r
t
e
h
t
g
n
i
s
u
a
c
t
e
s
e
r
s
t
u
p
t
u
o
e
h
t
d
n
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
h
g
i
h
o
g
o
t
)
x
Q
(
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
n
e
e
r
a
6L
E
S
_
W
Bt
u
p
n
I
/
p
u
ll
u
P
n
w
o
d
ll
u
P
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
h
t
d
i
W
d
n
a
B
L
L
P
s
t
c
e
l
e
S
7c
nd
e
s
u
n
U.
t
c
e
n
n
o
c
o
N
8V
A
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
9L
E
S
_
Ft
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
0
1V
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
1
1E
Ot
u
p
n
Ip
u
ll
u
P
e
h
t
,
W
O
L
n
e
h
W
.
e
v
i
t
c
a
e
r
a
s
t
u
p
t
u
o
e
h
t
,
H
G
I
H
n
e
h
W
.
n
i
p
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
e
t
a
t
s
e
c
n
a
d
e
p
m
i
h
g
i
h
a
n
i
e
r
a
s
t
u
p
t
u
o
2
1K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
3
1K
L
C
nt
u
p
n
Ip
u
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
4
1D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
5
1N
I
_
B
Ft
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
a
b
d
e
e
f
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
6
1N
I
_
B
F
nt
u
p
n
Ip
u
ll
u
P.
t
u
p
n
i
k
c
a
b
d
e
e
f
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
8
1
,
7
11
A
Q
,
1
A
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
S
D
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5K
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5K
Ω
TABLE 3A. OUTPUT ENABLE FUNCTION TABLE
TABLE 3B. PLL BANDWIDTH/PLL BYPASS CONTROL
s
t
u
p
n
Is
t
u
p
t
u
O
E
Ox
A
Q
n
/
x
A
QT
U
O
_
B
F
n
/
T
U
O
_
B
F
0Z
i
Hd
e
l
b
a
n
E
1d
e
l
b
a
n
Ed
e
l
b
a
n
E
s
t
u
p
n
I
L
L
P
h
t
d
i
w
d
n
a
B
L
E
S
_
W
B
0z
H
K
0
0
2
~
1z
H
K
0
0
8
~
t
a
o
l
Fz
H
K
0
0
4
~



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com