Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC01-CS Datasheet(PDF) 8 Page - Vishay Siliconix

Part # AC01-CS
Description  Axial Cemented Fusible Leaded Wirewound Safety Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AC01-CS Datasheet(HTML) 8 Page - Vishay Siliconix

  AC01-CS Datasheet HTML 1Page - Vishay Siliconix AC01-CS Datasheet HTML 2Page - Vishay Siliconix AC01-CS Datasheet HTML 3Page - Vishay Siliconix AC01-CS Datasheet HTML 4Page - Vishay Siliconix AC01-CS Datasheet HTML 5Page - Vishay Siliconix AC01-CS Datasheet HTML 6Page - Vishay Siliconix AC01-CS Datasheet HTML 7Page - Vishay Siliconix AC01-CS Datasheet HTML 8Page - Vishay Siliconix AC01-CS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AC01-CS, AC03-CS, AC05-CS
www.vishay.com
Vishay Draloric
Revision: 11-Jul-2018
8
Document Number: 28909
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Notes
(1) For AC01-CS, dimension given is applicable for 10R to 100R; for lower ohmic values < 10R, Dmax. might reach 5.5 mm
(2) For AC05-CS, L = L1; there is no lacquer on termination lead
AC01-CS RADIAL
Pitch of components 5.0 mm
AC03-CS RADIAL
Pitch of components 5.0 mm
AC05-CS RADIAL
Pitch of components 7.50 mm
DIMENSIONS - Leaded resistor types, mass and relevant physical dimensions
MODEL
Lmax.
L1 max.
Dmax.
dnom.
BMASS
AC01-CS (1)
11.0 mm
13.0 mm
5.0 mm
0.7 mm
63 mm
0.52 g
AC03-CS
13.0 mm
19.0 mm
6.0 mm
0.8 mm
63 mm
0.78 g
AC05-CS (2)
17.0 mm
17.0 mm
10.0 mm
0.8 mm
83 mm
2.25 g
93 mm
2.5 g
D
d
L1
B
L
B
L
AC01-CS and AC03-CS
AC05-CS
H
1
L
1
P
F
W
DIMENSIONS in millimeters
Pitch of components
P
12.7 ± 1.0
Lead to lead distance
F
4.8 + 0.7 / - 0
Tape width
W
18 ± 0.5
Component height
H1
30.0 ± 3
Min. lead wire (tape
portion) shortest lead
L1
2.5
W
P
F
H
1
L
1
DIMENSIONS in millimeters
Pitch of components
P
12.7 ± 1.0
Lead to lead distance
F
5.00 ± 0.5
Tape width
W
18 ± 0.5
Maximum component
height
H1
34
Min. lead wire (tape
portion) shortest lead
L1
2.5
W
H
1
P
F
L
1
DIMENSIONS in millimeters
Pitch of components
P
25.4 ± 1.0
Lead to lead distance
F
7.50 ± 0.5
Tape width
W
18 ± 0.5
Component height
H1
37 ± 2
Min. lead wire (tape
portion) shortest lead
L1
2.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com