Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC01002201JACCS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # AC01002201JACCS
Description  Axial Cemented Fusible Leaded Wirewound Safety Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AC01002201JACCS Datasheet(HTML) 4 Page - Vishay Siliconix

  AC01002201JACCS Datasheet HTML 1Page - Vishay Siliconix AC01002201JACCS Datasheet HTML 2Page - Vishay Siliconix AC01002201JACCS Datasheet HTML 3Page - Vishay Siliconix AC01002201JACCS Datasheet HTML 4Page - Vishay Siliconix AC01002201JACCS Datasheet HTML 5Page - Vishay Siliconix AC01002201JACCS Datasheet HTML 6Page - Vishay Siliconix AC01002201JACCS Datasheet HTML 7Page - Vishay Siliconix AC01002201JACCS Datasheet HTML 8Page - Vishay Siliconix AC01002201JACCS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AC01-CS, AC03-CS, AC05-CS
www.vishay.com
Vishay Draloric
Revision: 11-Jul-2018
4
Document Number: 28909
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
Fusing time window defined against overload power applied.
40
70
0
20
40
60
80
100
120
- 40
50
100
150
200
250
AMBIENT TEMPERATURE IN °C
0
DERATING
FUSING CHARACTERISTICS
OF AC01-CS: 3.0
Ω ≤ R ≤ 100 Ω
OVERLOAD POWER IN W
20
32
24
22
28
30
50
100
150
0
25
75
125
5
10
15
20
25
FUSING CHARACTERISTICS
OF AC03-CS: 4.7
Ω ≤ R ≤ 100 Ω
OVERLOAD POWER IN W
20
60
80
100
120
40
140
0
FUSING CHARACTERISTICS
OF AC05-CS: 10
Ω ≤ R ≤ 100 Ω
OVERLOAD POWER IN W
100
200
150
250
0
0
10
20
35
40
50
60



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com