Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC010B2201JACCS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AC010B2201JACCS
Description  Axial Cemented Fusible Leaded Wirewound Safety Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AC010B2201JACCS Datasheet(HTML) 2 Page - Vishay Siliconix

  AC010B2201JACCS Datasheet HTML 1Page - Vishay Siliconix AC010B2201JACCS Datasheet HTML 2Page - Vishay Siliconix AC010B2201JACCS Datasheet HTML 3Page - Vishay Siliconix AC010B2201JACCS Datasheet HTML 4Page - Vishay Siliconix AC010B2201JACCS Datasheet HTML 5Page - Vishay Siliconix AC010B2201JACCS Datasheet HTML 6Page - Vishay Siliconix AC010B2201JACCS Datasheet HTML 7Page - Vishay Siliconix AC010B2201JACCS Datasheet HTML 8Page - Vishay Siliconix AC010B2201JACCS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AC01-CS, AC03-CS, AC05-CS
www.vishay.com
Vishay Draloric
Revision: 11-Jul-2018
2
Document Number: 28909
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: AC03000002209JACCS
TYPE
VERSION
TCR/MATERIAL
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
AC01 = AC01000
AC03 = AC03000
AC05 = AC05000
0 = neutral
1 = radial taped
0 = neutral
(0 option for
AC01-CS and
AC03-CS)
A = 4 kV
B = 6 kV
(A and B option
for AC05..CS)
3 digit value
1 digit multiplier
MULTIPLIER
8 = *10-2
9 = *10-1
0 = *100
1 = *101
J = ± 5 %
AC
6B
6F
R1
RB
CS = Safety
Product Description: AC03-CS 22R 5 % AC G63 CDxxxx
AC03-CS
22R
5 %
AC
G63
CDxxxx
TYPE
RESISTANCE
TOLERANCE
PACKAGING
TAPE WIDTH
SPECIAL
AC01-CS
AC03-CS
AC05-CS
± 5 %
AC
6B
6F
R1
RB
G63
G83
G93
PACKAGING
TYPE
CODE QUANTITY
PACKAGING STYLE
WIDTH
PITCH
DIMENSIONS
AC01-CS
AC
500
Taped acc. to IEC 60286-1 fan-folded in a box
63 mm
5 mm
85 mm x 72 mm x 260 mm
R1
1000
Taped acc. to IEC 60286-2 on a reel
-
-
-
AC03-CS
AC
500
Taped acc. to IEC 60286-1 fan-folded in a box
63 mm
5 mm
85 mm x 120 mm x 270 mm
R1
1000
Taped acc. to IEC 60286-2 on a reel
-
-
-
AC05-CS
6B
250
Taped acc. to IEC 60286-1 fan-folded in a box
83 mm
10 mm
110 mm x 87 mm x 325 mm
6F
250
Taped acc. to IEC 60286-1 fan-folded in a box
93 mm
120 mm x 87 mm x 325 mm
RB
250
Taped acc. to IEC 60286-2 on a reel
-
-
-
30
00
02
2
0
C0
9J
A
S
0
A
C
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com