Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITR20002 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ITR20002
Description  infrared emitting diode and an NPN silicon phototransistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ITR20002 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ITR20002 Datasheet HTML 1Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 2Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 3Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 4Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 5Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 6Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 7Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ITR20002 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Device Number: CDRX-200-003
REV: 1
MODEL NO: ITR20002
Ecn:
Page:2/9
◎Notes:
1.Above specification may be changed without notice. EVERLIGHT will
reserve Authority on material change for above Specification.
2.These specification sheets include materials protected under
copyright of EVERLIGHT corporation . Please don’t reproduce or
cause anyone to reproduce them without EVERLIGHT’s consent.
3.When using this product , please observe the absolute maximum
ratings and the instructions for use outlined in these
specification sheets.No assumes responsibility for any damage
resulting from use of the product which does not comply with the
absolute maximum ratings and the instructions included in these
specification sheets.
■
DESCRIPTION
The
ITR20002 consist of an infrared emitting diode and an NPN
silicon phototransistor, encased side-by-side on converging optical
axis in a black thermoplastic housing. The phototransistor receives
radiation from the IRED only. This is the normal situation. But when
an object is in between, phototransistor could not receives the
radiation. For additional component information, please refer to
IR4204-9 and PT4204-6B.
■
FEATURES
ITR:
• Fast response time
• High analytic
• Cut-off visible wavelength λp=840nm
• High sensitivit
• Pb free
■
APPLICATIONS
• Copier
• Scanner
• Non-contact Switching
• For Direct PC Board



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com