Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMSAW6 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # WMSAW6
Description  2.5~6 Watts AC/DC Wall Mount Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMSAW6 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  WMSAW6 Datasheet HTML 1Page - Wall Industries,Inc. WMSAW6 Datasheet HTML 2Page - Wall Industries,Inc. WMSAW6 Datasheet HTML 3Page - Wall Industries,Inc. WMSAW6 Datasheet HTML 4Page - Wall Industries,Inc. WMSAW6 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev D
WMSAW6 SERIES
2.5~6 Watts
AC/DC Wall Mount Power Supplies
04/21/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS: WMSAW6 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage
Rated input voltage range
100
115/230
240
VAC
Input Frequency
47
50/60
63
Hz
Input Current
90VAC/60Hz and full load
300
mA
Inrush Current
100VAC and full load
30
A
240VAC and full load
75
Stand-by Power
230VAC/50Hz and no load
0.3
W
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
-5
+5
%
Line Regulation
-1
+1
%
Load Regulation
-5
+5
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
mA
Ripple & Noise
50
mVp-p
Hold-Up Time
100VAC/60Hz and full load
10
ms
Turn-on Time
100VAC/60Hz and full load
3
s
PROTECTION
Over Voltage Protection
Output voltage clamped by Zener diode
Over Current Protection
Output shut-down; Automatic recovery
Short Circuit Protection
Output shut-down; Automatic recovery
GENERAL SPECIFICATIONS
Efficiency
CEC-V / ERP / MEPS
Switching Frequency
65
KHz
Dielectric Withstand Voltage
10mA / 60 sec
3000
VAC
Insulation (input to output)
500VDC
10
MΩ
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0
40
°C
Storage Temperature
-20
60
°C
Operating Humidity
5
95
% RH
Cooling
Free air convection
MTBF
@ 25°C (MIL-HDBK-217F)
50,000
hours
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
See drawings
Weight
Horizontal type
2.93oz (83g)
Vertical type
2.65oz (75g)
Output Connector
Contact factory for options
AC Plug Types
See “Model Number Setup” Table on page 5
“U” suffix
United States
“K” suffix
United Kingdom
“E” suffix
Europe
“A” suffix
Australia
“C” suffix
China
“J” suffix
Japan
“KO” suffix
Korea
Package Type
See “Model Number Setup” Table on page 5
“V” suffix
Vertical
“H” suffix
Horizontal
SAFETY & COMPLIANCE
Safety Approvals
UL/cUL, FCC, CE, GS, EUP, CB, BS1363, SAA, CCC, PSE, MEPS, KC, and C-TICK
Compliance
RoHS and CEC/Energy Star Level VI compliant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com