Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT23 Datasheet(PDF) 2 Page - CUI INC

Part # AMT23
Description  MODULAR ABSOLUTE ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT23 Datasheet(HTML) 2 Page - CUI INC

  AMT23 Datasheet HTML 1Page - CUI INC AMT23 Datasheet HTML 2Page - CUI INC AMT23 Datasheet HTML 3Page - CUI INC AMT23 Datasheet HTML 4Page - CUI INC AMT23 Datasheet HTML 5Page - CUI INC AMT23 Datasheet HTML 6Page - CUI INC AMT23 Datasheet HTML 7Page - CUI INC AMT23 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cui.com
date 05/08/2018
│ page 2 of 8
CUI Inc
│ SERIES: AMT23 │ DESCRIPTION: MODULAR ABSOLUTE ENCODER
SERIAL INTERFACE
parameter
conditions/description
min
typ
max
units
protocol
single ended 3-wire Synchronous Serial Interface1
data rate
1
2
MHz
T
CLK
data shifted to output buffer
500
ns
T
DOV
time before data is valid
250
ns
T
CS
time between reads
1
µs
Notes:
1. All SSI signals are single ended. This interface uses a chip select signal for initiating position reads.
1
T
CLK
K1
D1
K0
D142
D13
D5
D4
D3
D2
142
CHIP SELECT
CLOCK
DATA
1
K1
Positional Data Bits
T
CS
T
DOV
Figure 1
Timing Waveform
Values K1 and K0 in the response are checkbits. The checkbits are odd parity over the odd and even bits in the position
response shown in the equation below. The checkbits are not part of the position, but are used to verify its validity. The
lower 14 bits are the encoder position.
Example:
Full response: 0x61AB
14-bit position: 0x21AB (8619 decimal)
Checkbit Formula
Odd: K1 = !(H5^H3^H1^L7^L5^L3^L1)
Even: K0 = !(H4^H2^H0^L6^L4^L2^L0)
From the above response 0x61AB:
Odd: 0 = !(1^0^0^1^1^1^1) = correct
Even: 1 = !(0^0^1^0^0^0^1) = correct
Notes:
2. For 12-bit applications the clock can be stopped after 14 cycles, or if you clock the full 16 times L0 and L1 are always 0. Because the low two bits are 0, 12-bit data would
need right-shifted two bits. The checkbit calculation remains the same and unaffected.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com