Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL-ISOLATOR-100-RJ Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # FL-ISOLATOR-100-RJ
Description  Protection against aggressive environmental influences, particularly harsh industrial environments, thanks to coated PCB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

FL-ISOLATOR-100-RJ Datasheet(HTML) 1 Page - PHOENIX CONTACT

  FL-ISOLATOR-100-RJ Datasheet HTML 1Page - PHOENIX CONTACT FL-ISOLATOR-100-RJ Datasheet HTML 2Page - PHOENIX CONTACT FL-ISOLATOR-100-RJ Datasheet HTML 3Page - PHOENIX CONTACT FL-ISOLATOR-100-RJ Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2313928
09/03/2014   Page 1 / 4
Network isolator - FL ISOLATOR 100-RJ/SC - 2313928
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Passive network isolator for electrical isolation in Ethernet networks. This protects Ethernet devices from potential
differences of up to 4 kV. Can be used for transmission speeds of up to 100 Mbps. Connection using RJ45 and
COMBICON plug-in screw terminal block.
Product Features
 No power supply required
 Protection against aggressive environmental influences, particularly harsh industrial environments, thanks to coated PCB
 Dielectric strength of up to 4 kV
 Approval for railway applications (rolling stock) according to EN 50155 and EN 50121
 Transmission speed of up to 1000 Mbps
 Continuous insulation voltage of 250 VRMS
 Extended temperature range of -25°C to +85°C
 Electrical isolation of data cables and cable shielding
 Mounting on EN DIN rails
 
 
 
 
Key commercial data
Packing unit
1 pc
Custom tariff number
85437090
Country of origin
Germany
Technical data
Dimensions
Width
22.5 mm
Height
99 mm
Depth
92 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 75 °C
Ambient temperature (storage/transport)
-25 °C ... 85 °C


Similar Part No. - FL-ISOLATOR-100-RJ

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
FL-ISOLATOR-1000-RJ PHOENIX-FL-ISOLATOR-1000-RJ Datasheet
96Kb / 4P
No power supply required
More results

Similar Description - FL-ISOLATOR-100-RJ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
Cordsets For Harsh Environments
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
804-014-AA2M5-3P GLENAIR-804-014-AA2M5-3P Datasheet
112Kb / 2P
Cordsets For Harsh Environments
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
Cordsets For Harsh Environments
logo
National Instruments Co...
NI9921 NI-NI9921 Datasheet
136Kb / 3P
Protection from harsh outdoor or industrial environments
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
Stability for harsh environments
logo
C&K Components
PNP CK-COMPONENTS-PNP Datasheet
432Kb / 5P
IP68 sealed to endure harsh environments
logo
PHOENIX CONTACT
2905467 PHOENIX-2905467 Datasheet
146Kb / 6P
Particularly suitable for maximum protection of sensitive devices in harsh environments
2905469 PHOENIX-2905469 Datasheet
160Kb / 6P
Particularly suitable for maximum protection of sensitive devices in harsh environments
2905470 PHOENIX-2905470 Datasheet
244Kb / 7P
Particularly suitable for maximum protection of sensitive devices in harsh environments
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com