Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6668TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6668TR
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6668TR Datasheet HTML 9Page - STMicroelectronics L6668TR Datasheet HTML 10Page - STMicroelectronics L6668TR Datasheet HTML 11Page - STMicroelectronics L6668TR Datasheet HTML 12Page - STMicroelectronics L6668TR Datasheet HTML 13Page - STMicroelectronics L6668TR Datasheet HTML 14Page - STMicroelectronics L6668TR Datasheet HTML 15Page - STMicroelectronics L6668TR Datasheet HTML 16Page - STMicroelectronics L6668TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
L6668
With reference to the timing diagram of figure 36, when power is first applied to the converter the voltage
on the bulk capacitor (Vin) builds up and, as it reaches about 80V, the HV generator is enabled to oper-
ate (HV_EN is pulled high) so that it draws about 1 mA. This current, diminished by the IC consumption,
charges the bypass capacitor connected between pin Vcc (5) and ground and makes its voltage rise al-
most linearly.
Figure 36. Timing diagram: normal power-up and power-down sequences
As the Vcc voltage reaches the start-up threshold (13.5V typ.) the low-voltage chip starts operating and
the HV generator is cut off by the Vcc_OK signal asserted high. The IC is powered by the energy stored
in the Vcc capacitor until the self-supply circuit (typically an auxiliary winding of the transformer and a
steering diode) develops a voltage high enough to sustain the operation.
The residual consumption of this circuit is just the one on the 15M
Ω resistor (≈10 mW at 400 Vdc), typically
50-70 times lower, under the same conditions, as compared to a standard start-up circuit made with an
external dropping resistor.
Figure 37. Timing diagram showing short-circuit behavior
Vcc
OUT
HV_EN
Vcc ON
Vcc OFF
Vcc restart
t
t
t
t
Vin
V HVstart
IHV
1 mA
t
t
Vcc_OK
Power-up
Power-down
Normal
operation
regulation is lost here
Vcc
OUT
HV_EN
Vcc ON
Vcc OFF
Vcc restart
t
t
t
t
Vin
V HVstart
IHV
1 mA
t
t
Vcc_OK
Power-up
Power-down
Normal
operation
regulation is lost here
Vcc
OUT
Vcc_OK
VccON
VccOFF
Vccrest
IHV
1 mA
Short circuit occurs here
t
t
t
t
Vcc
OUT
Vcc_OK
VccON
VccOFF
Vccrest
IHV
1 mA
Short circuit occurs here
t
t
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com