Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4021 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LC4021
Description  40 characters x 2 lines
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC4021 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LC4021 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DD
0.4
--
5.0
DD
0.6
Max.
40 Characters x 2 Lines
160 SEG
-0.3
Input Voltage
V+ 0.3
V
ELECTRICAL CHARACTERISTICS
Controller
or Eqv.
KS0066
LSI
LCD
VO
DB7
LEDK
LEDA
E
DB0
RS
R/W
BLOCK DIAGRAM
Output Low Voltage
LCD Driving Voltage
Supply Current
V
V
DD
SS
Input High Voltage
Output High Voltage
Input Low Voltage
Storage Temp.
Operating Temp.
Item
LED Backlight
40 SEG
Segment driver
( V
-30
-20
= 1.2mA
= - 0.2mA
OL
V
IOL
V
16 COM
- V
I
DD
V
DD
O
Ta=25

= 5.0V
DD
C
I
OH
Symbol
V
V
VIL
IH
Tstg
opr
I
T
Condition
--
--
Test
OH
0
--
LCD PANEL
--
--
4.6
2.0
=5V
â0.25V )
2.2
2.4
- 0.3
Min.
DD
--
--
--
Typ.
V
V
80
70
DD
ABSOLUTE MAXIMUM RATINGS
Supply Voltage(LCD)
Supply Voltage(Logic)
Item
LC4021
-0.3
-0.3
Min.
Symbol
SS
DD
DD
V
V
- V
- V
O
13.0
7.0
Max.
40 characters x 2 lines
Character Size ( W x H )
V
3.2 x 5.55
mm
LED BACKLIGHT SPECIFICATIONS (Ta=25

Approx. 65 / 90
0.6 x 0.65
Power supply for LED backlight
In 8-bit bus mode, used as high
order bidirectional data bus.
In 4-bit bus mode, used as both
high and low order data bus.
GND
Operating voltage for LCD
In 8-bit bus mode, used as low
order bidirectional data bus.
In 4-bit bus mode, open these
pins.
L : Write
Enable signal
Power supply for logic
L : Instruction code
H : Data
H : Read
Emission Wave Length
Forward Voltage
Forward Current
DB6
DB7
LEDK
LEDA
Item
15
16
13
14
I
λp
f
+5V
H/L
H/L
0V
V
Symbol
f
Weight (Reflective/LED)
Dot Size ( W x H )
PIN CONNECTIONS
DB4
DB5
SS
DB1
DB3
DB2
DB0
R/W
RS
O
DD
Symbol
V
mA
V
7
10
11
12
9
8
5
6
4
E
Unit
V
V
V


C
C
1
3
2
Pin
V
V
V
H/L
>L
_
H/L
H/L
H/L
H/L
H/L
H/L
H/L
H,H
+5V
Level
0V
--
V
nm
mA
Unit
250
--
568
--
4.1
Typ.
Max.
4.3
C)
mm
Function
g
182.0 x 33.5 x 10.0/14.5
Nominal Dimensions
155.0 x 16.0
MECHANICAL DATA
Viewing Area ( W x H )
Module Size ( W x H x T )
Item
V
Unit
V
mm
mm
Unit


Similar Part No. - LC4021

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC40 MICROSEMI-LC40 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
LC40 MICROSEMI-LC40 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC40 MICROSEMI-LC40 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC40 NJSEMI-LC40 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Lattice Semiconductor
LC4000B LATTICE-LC4000B Datasheet
851Kb / 91P
3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
More results

Similar Description - LC4021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1623 ETC-LC1623 Datasheet
34Kb / 1P
16 characters x 2 lines
LC1625 ETC-LC1625 Datasheet
31Kb / 1P
16 characters x 2 lines
SC4002A ETC-SC4002A Datasheet
99Kb / 1P
LCD MODULES SC4002A ( 40 CHARACTERS x 2 LINES )
LC4041 ETC-LC4041 Datasheet
33Kb / 1P
40 characters x 4 lines
LC1622 ETC-LC1622 Datasheet
29Kb / 1P
16 characters x 2 lines
SC4004B ETC1-SC4004B Datasheet
72Kb / 1P
40 CHARACTERS x 4 LINES
logo
Hantronix,Inc
HDM24216H-2 HANTRONIX-HDM24216H-2 Datasheet
29Kb / 1P
24 Characters x 2 Lines
logo
Hitachi Semiconductor
LM092XMLN HITACHI-LM092XMLN Datasheet
161Kb / 3P
40 characters x 2 lines LCD
logo
Purdy Electronics Corpo...
AND591GST PURDY-AND591GST Datasheet
150Kb / 2P
2 Lines x 40 Characters Intelligent Character Display
logo
List of Unclassifed Man...
MDLS-40466 ETC2-MDLS-40466 Datasheet
80Kb / 1P
40 CHARACTERS X 4 LINES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com