Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SynchronizationSystem Datasheet(PDF) 2 Page - Integrated Device Technology

Part # SynchronizationSystem
Description  Synchronization System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SynchronizationSystem Datasheet(HTML) 2 Page - Integrated Device Technology

  SynchronizationSystem Datasheet HTML 1Page - Integrated Device Technology SynchronizationSystem Datasheet HTML 2Page - Integrated Device Technology SynchronizationSystem Datasheet HTML 3Page - Integrated Device Technology SynchronizationSystem Datasheet HTML 4Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
©2017 Integrated Device Technology, Inc.
April 5, 2017
82P33914-1 Datasheet
DESCRIPTION
IEEE 1588-2008 Precision Time Protocol (PTP) is a packet-based syn-
chronization mechanism used in packet-switched networks. PTP synchro-
nizes the clocks of different devices with the most accurate clock on the
network – usually a precise, grandmaster clock, such as one using a Pri-
mary Reference Time Clock (PRTC) time signal. The 82P33914-1 is a soft-
ware and hardware system that can operate as a PTP slave or PTP
master. As a PTP slave the 82P33914-1 recovers accurate and stable
electrical synchronization signals from a packet based reference gener-
ated by a PTP master. As a PTP master the 82P33914-1 can lock to a sta-
ble electrical clock source and generate packet based PTP references for
downstream PTP slaves
The 82P33914-1 is available with several software and hardware options.
The software options are outlined in Table 1 by root part number. The
hardware options depend on the choice of Synchronization Management
Unit (SMU) hardware; the SMU hardware documentation is listed in
Table 3 by root part number.
System Component Documentation
The detailed characteristics of the 82P33914-1 software and hardware
components are described in other documents as shown in Table 2 and
Table 3.
Table 1: Software Options by Root Part Number
Root Part Number
Included Software
82P33914
IDT clock recovery servo software
82P33914-1
IDT clock recovery servo software
IEEE 1588 Protocol Stack
Table 2: Software Documentation
Software System Component
Software Documentation
82P33914-1 IEEE 1588 software
Please contact IDT
Table 3: SMU Hardware Documentation
Root Part Number
Documentation
82P33914
82P33914-1
82P338
14 datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com