Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4888 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4888
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4888 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM4888 Datasheet HTML 14Page - National Semiconductor (TI) LM4888 Datasheet HTML 15Page - National Semiconductor (TI) LM4888 Datasheet HTML 16Page - National Semiconductor (TI) LM4888 Datasheet HTML 17Page - National Semiconductor (TI) LM4888 Datasheet HTML 18Page - National Semiconductor (TI) LM4888 Datasheet HTML 19Page - National Semiconductor (TI) LM4888 Datasheet HTML 20Page - National Semiconductor (TI) LM4888 Datasheet HTML 21Page - National Semiconductor (TI) LM4888 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Bill of Materials
Analog Audio LM4888SQ Eval Board
Assembly Part Number: 551012279–001
Revision: A
Item
Part Number
Part Description
Qty
Ref Designator
Remark
1
551012279–001
LM4888 Eval Board PCB etch 001
1
2
IC LM4888SQ
1
U1
3
Tant Cap 0.22µF 50V 10%
4
C1, C2
4
Tant Cap 1µF 16V 10% Size = A
3216
2
C5, C6
5
Tant Cap 100µF 16V 10% Size = D
7343
2
C3, C4
6
Cer Capacitor 1nF
1
C7
7
Res 1k
Ω 1/8W 1% 0805
2
R10, R11
8
Res 10k
Ω 1/8W 1% 0805
4
R3, R4, R6, R7
9
Res 20k
Ω 1/8W 1% 0805
5
R1, R2,R5, R8,
R9
10
Res 100k
Ω 1/8W 1% 0805
2
R12, R13
11
RCA Jack
2
INA, INB
Mouser # 16PJ097
12
Banana Jack, Black
3
–OutA,– OutB,
GND
Mouser # ME164–6218
13
Banana Jack, Red
3
+OutA,+ OutB,
VDD
Mouser # ME164–6219
14
Jumper Header3x1
2
SD, MUX
15
Jumper Header (2x)
1
HP Logic
Revision History
Rev
Date
Description
1.0
6/09/05
Changed the doc title from LM4888SQ into LM4888, then re-released D/S to the WEB (per Steve K. (MC)
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com