Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902IMS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6902IMS
Description  Multiphase Oscillator with Spread Spectrum Frequency Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902IMS Datasheet(HTML) 2 Page - Linear Technology

  LTC6902IMS Datasheet HTML 1Page - Linear Technology LTC6902IMS Datasheet HTML 2Page - Linear Technology LTC6902IMS Datasheet HTML 3Page - Linear Technology LTC6902IMS Datasheet HTML 4Page - Linear Technology LTC6902IMS Datasheet HTML 5Page - Linear Technology LTC6902IMS Datasheet HTML 6Page - Linear Technology LTC6902IMS Datasheet HTML 7Page - Linear Technology LTC6902IMS Datasheet HTML 8Page - Linear Technology LTC6902IMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6902
2
6902f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆fOUT
Frequency Accuracy (Notes 2, 3)
V+ = 5V
5kHz
≤ fOUT ≤ 10MHz
±0.5
±1.5
%
1kHz
≤ fOUT ≤ 5kHz
±2.0
%
10MHz
≤ fOUT ≤ 20MHz
q
±3.0
±4.0
%
5kHz
≤ fOUT ≤ 10MHz, LTC6902C
q
±2.0
%
5kHz < fOUT ≤ 10MHz, LTC6902I
q
±2.5
%
V+ = 2.7V
5kHz
≤ fOUT ≤ 10MHz
±0.5
±1.5
%
1kHz
≤ fOUT ≤ 5kHz
±2.0
%
5kHz
≤ fOUT ≤ 10MHz, LTC6902C
q
±2.0
%
5kHz
≤ fOUT ≤ 10MHz, LTC6902I
q
±2.5
%
RSET
Frequency Setting Resistor Range
∆fOUT< 1.5%, V+ = 5V
q
20
400
k
Ω
∆fOUT< 1.5%, V+ = 2.7V
q
20
400
k
Ω
∆fOUT/∆T Frequency Drift Over Temperature
RSET = 63.2k
q
±0.004
%/
°C
(Note 3)
∆fOUT/∆V Frequency Drift Over Supply (Note 3) V+ = 2.7V to 5V, RSET = 63.2k
q
0.04
0.12
%/V
Timing Jitter (Note 4)
20k
≤ RSET ≤ 400k
Pin 2 = V+ (N = 100)
0.1
%
Pin 2 = Open (N = 10)
0.2
%
Pin 2 = 0V (N = 1)
0.6
%
Long-Term Stability of
300
ppm/
√kHr
Output Frequency
Duty Cycle (Note 5)
Pin 2 = V+ or Open (N = 100 or 10)
Pin 3 = 0V (2-Phase, M = 1)
q
49.0
50.0
51.0
%
Pin 3 = Open (3-Phase, M = 3)
q
32.3
33.3
34.3
%
Pin 3 = V+ (4-Phase, M = 4)
q
49.0
50.0
51.0
%
Pin 2 = 0V (N = 1)
Pin 3 = 0V (2-Phase, M = 1)
q
45.0
50.0
55.0
%
Pin 3 = Open (3-Phase, M = 3)
q
32.3
33.3
34.3
%
Pin 3 = V+ (4-Phase, M = 4)
q
49.0
50.0
51.0
%
(Note 1)
Supply Voltage (V+) to GND ........................– 0.3V to 6V
Voltage On Any Pin
(Referred to GND) ......................... – 0.3V to (V+ + 0.3V)
Operating Temperature Range (Note 9)
LTC6902C .......................................... – 40
°C to 85°C
LTC6902I ............................................ – 40
°C to 85°C
Specified Temperature Range (Note 10)
LTC6902C .......................................... – 40
°C to 85°C
LTC6902I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER
PART NUMBER
MS PART MARKING
LTK2
LTK3
LTC6902CMS
LTC6902IMS
TJMAX = 150°C, θJA = 250°C/W
1
2
3
4
5
V+
DIV
PH
OUT1
OUT2
10
9
8
7
6
SET
MOD
GND
OUT4
OUT3
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 2.7V to 5.5V, RL= 5k, CL = 5pF, Pin 3 (PH) = 0V (2-phase, M = 1)
unless otherwise specified. Pin 9 (MOD) is at 0V unless otherwise specified. RSET is defined as a resistor connected from the SET pin
to the V+ pin. RMOD is defined as a resistor connected from the MOD pin to the V+ pin.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com