Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1.85MM Datasheet(PDF) 4 Page - Hirose Electric

Part # 1.85MM
Description  1.85mm coaxial connectors based on IEC Specifications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

1.85MM Datasheet(HTML) 4 Page - Hirose Electric

  1.85MM Datasheet HTML 1Page - Hirose Electric 1.85MM Datasheet HTML 2Page - Hirose Electric 1.85MM Datasheet HTML 3Page - Hirose Electric 1.85MM Datasheet HTML 4Page - Hirose Electric 1.85MM Datasheet HTML 5Page - Hirose Electric 1.85MM Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
1.85mm Series●1.85mm coaxial connectors based on IEC Specifications
Attenuator
Product Specifications
Materials / Finish
Part
Materials
Finish
Shell
Stainless steel
Passivate
Insulator
PTFE resin
----
Male contact
Brass
Gold plated
Female contact Beryllium coppoer
Gold plated
Coupling
Stainless steel
Passivate
Resistive element
Metal film
----
HV - AT (ππ) - PJ
❶❷
❸
❹
❶Series identifier
HV
❷AT
Attenuator
❸Attenuation
(
例) (0) : 0dB (through)
(3) : 3dB
(10) : 10dB
❹Connector type
PJ : Plug Jack
M7×0.75-6g
8HEX
24.64
M7×0.75-6H
Part No.
HRS No.
Attenuation (dB)
Voltage standing wave ratio
(V.S.W.R.)(max)
RoHS
DC
∼18GHz
18
∼26.5GHz 26.5∼40GHz
40
∼65GHz
DC
∼18GHz 18∼26.5GHz 26.5∼40GHz 40∼65GHz
HV-AT(0)-PJ
354-0244-1
0
+0.4
0
0
+0.5
0
0
+0.8
0
0
+1.0
0
1.35
1.4
1.55
○
HV-AT(3)-PJ
354-0245-4
3
+0.6
−
0.4
3
+0.7
−
0.4
3
+0.9
−
0.4
3
+1.5
−
0.4
1.4
1.55
HV-AT(6)-PJ
354-0246-7
6
+0.7
−
0.3
6
+0.8
−
0.3
6
+0.9
−
0.3
6
+1.5
−
0.3
1.6
HV-AT(10)-PJ
354-0247-0
10±0.7
10
+0.8
−
0.7
10
+1.0
−
0.7
10
+1.9
−
0.7
HV-AT(20)-PJ
354-0248-2
20±1.0
20
+1.2
−
1.0
20
+1.4
−
1.0
20
+1.6
−
1.0
Product Number Structure
Ratings
Nominal characteristic impedance
50
Operating Temperature
Range
-10°C to +65°C
Rated frequency
DC to 6
7GHz
Operating relative
humidity
95% RH or less
Power
1W CW (+65°C)
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com