Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL2F Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2CL2F
Description  HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2CL2F Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2CL2F Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2CL2F

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL2F EDI-2CL2F Datasheet
40Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL2F GETEDZ-2CL2F Datasheet
63Kb / 1P
8kV 100mA HIGH VOLTAGE DIODE
2CL2F GETEDZ-2CL2F Datasheet
505Kb / 2P
High Voltage Silicon Rectifier Diode
2CL2FD GETEDZ-2CL2FD Datasheet
515Kb / 2P
High Voltage Silicon Rectifier Diode
2CL2FD GETEDZ-2CL2FD_17 Datasheet
459Kb / 1P
200mA 4.0kV 100nS-- High Voltage Diodes
More results

Similar Description - 2CL2F

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL1 EDI-2CL1 Datasheet
49Kb / 1P
HIGH VOLTAGE, HIGH CURRENT SILICON RECTIFIER DIODES
2CL2 EDI-2CL2 Datasheet
40Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
ESJW08 GETEDZ-ESJW08 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW10 GETEDZ-ESJW10 Datasheet
515Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW01 GETEDZ-ESJW01 Datasheet
515Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW02 GETEDZ-ESJW02 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW03 GETEDZ-ESJW03 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW04 GETEDZ-ESJW04 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW05 GETEDZ-ESJW05 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW06 GETEDZ-ESJW06 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com