Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF4-RX-14DS-0.5V Datasheet(PDF) 2 Page - Hirose Electric

Part # BF4-RX-14DS-0.5V
Description  Active Optical Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

BF4-RX-14DS-0.5V Datasheet(HTML) 2 Page - Hirose Electric

  BF4-RX-14DS-0.5V Datasheet HTML 1Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 2Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 3Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 4Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 5Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 6Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 7Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BF4M Series●Active Optical Connector
2
GND 1
GND 2
GND 3
Imon 4
SD 5
VDD 6
GND 7
DOUT- 8
GND 9
GND 10
20 GND
19 GND
18 GND
17 EN
16 NC
15 VDD15
14 GND
13 DOUT+
12 GND
11 GND
GND 1
GND 2
GND 3
VDD 4
GND 5
FILT 6
GND 7
DIN+ 8
GND 9
GND 10
20 GND
19 GND
18 GND
17 ACTIVE
16 NC
15 NC
14 GND
13 DIN-
12 GND
11 GND
Fiber
Fiber
Top View
BF4MC-TX Plug
BF4MC-RX Plug
<Pin Assignment>
<Pin Functions>
Descriptions of BF4MC-TX pins
Synbol
Name
Type
Details
VDD
Vsupply
Power Power Supply DC+2.5 or +3.3V
GND
Ground
Ground
-------
ACTIVE
Activate
Input
H voltage:Active mode
L voltage:Sleep mode
FILT
Filter
------- Decouping condenser connection contact
DIN+
Data input +
Input
Differential Data Input
DIN–
Data input –
Input
NC
Not Connect
------- Not connected in normal operation
Descriptions of BF4MC-RX pins
Synbol
Name
Type
Details
VDD
Vsupply
Power Power for PD(*)
VDD15
Vdd1.5V
Power Power for Core(*)
GND
Ground
Ground
-------
SD
Signal Detect
Output
H voltage:Detected
L voltage:Undetected
DOUT+
Data Output +
Output
Differential Data Output
DOUT–
Data Output –
Output
EN
Regulator Enable
Input
[Dual supply mode]
Not connected
[Single supply mode]
EN pin must be connect to VDD
Imon
Mirrored photodiode
current monitor
Output Not connected(Inspection pin)
NC
Not Connect
------- Not connected in normal operation
(*): For details, see Hirose's technical specification ETAD-K0671.
Electrical characteristics
Electrical characteristics of BF4MC-TX (transmitter side)
Electrical characteristics of BF4MC-RX (receiver side)
Mi
n
Nominal
Max
Unit
Transmission speed (8B/10B)
0.05
----------
6.25
Gbps
VDD voltage
2.25
2.5/3.3
3.6
V
ACTIVATE = H voltage
1.0
----------
VDD voltage
V
DIN common voltage
150
----------
340
mVp
DIN differential voltage
200
----------
1400
mVp
Mi
n
Nominal
Max
Unit
Remarks
Transmission speed (8B/10B)
0.05
----------
6.25
Gbps
----------
VDD voltage
2.25
2.5/3.3
3.6
V
----------
VDD 15 voltage
1.45
1.5
1.55
V
When driving with dual power sources
DOUT common voltage
160
----------
330
mVp
----------
DOUT differential voltage
160
----------
330
mVp
----------
SD = H voltage
1.0
1.5
1.6
V
----------
Imon
20.0
----------
----------
uA
For internal inspection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com