Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT802/DF63-1618P-1 Datasheet(PDF) 2 Page - Hirose Electric

Part # HT802/DF63-1618P-1
Description  3.96mm pitch compact waterproof connectors for internal power supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/DF63-1618P-1 Datasheet(HTML) 2 Page - Hirose Electric

  HT802/DF63-1618P-1 Datasheet HTML 1Page - Hirose Electric HT802/DF63-1618P-1 Datasheet HTML 2Page - Hirose Electric HT802/DF63-1618P-1 Datasheet HTML 3Page - Hirose Electric HT802/DF63-1618P-1 Datasheet HTML 4Page - Hirose Electric HT802/DF63-1618P-1 Datasheet HTML 5Page - Hirose Electric HT802/DF63-1618P-1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
DF63W Series
●3.96mm pitch compact waterproof connectors for internal power supplies
■Product Specifications
Ratings
Current
rating
(Note 1)
No. of contacts 16 AWG 18 AWG 20 AWG
22 AWG
Operating temperature range -40ç to 105ç (Note 2)
Operating humidity range 20% to 80%
2
14A
11A
Under development
3
13A
10A
Under development
4
12A
9A
Under development
Voltage
rating
AC/DC 630V
Storage temperature range-10ç to 60ç (Note 3)
Storage humidity range 40% to 70% (Note 3)
Items
Specifications
Conditions
1.Insulation resistance 1,000Mø min.
Measured at DC 500V
2.Withstanding voltage No flashover or dielectric breakdown.
1,500V AC applied for 1 minute.
3.Contact resistance 10mø max.
Measured at a maximum of 20mø, 100mA (DC or 1,000Hz)
4.Vibration resistance No electrical discontinuity for more than 1
µs
10 cycles in each of three axis directions at 10-55Hz,
half amplitude 0.75mm
5.Shock resistance
No electrical discontinuity for more than 1
µs
Acceleration of 490m/s2, 11ms, both directions in 3 axes
(semi-sinusoidal), 3cycle each direction
6.Moisture resistance
Contact resistance : 20mø max.
Insulation resistance : 500Mø max.
Temperature : 40±2ç, relative
humidity : 90 to 95%, left for 96hours
7.Temperature cycle
Contact resistance : 20mø max.
Insulation resistance : 1,000Mø max.
-55ç for 30 minutes
➝ 5 to 35ç for 2 to 3 minutes➝
105ç for 30 minutes
➝5 to 35ç for 2 to 3 minutes, in 5 cycles
8.Mating cycles
Contact resistance : 20mø max.
Mating/unmating : 30 times
Note 1 : Indicates the allowable current when the maximum current is applied to all pins.
Please note that a current could exceed the rated value when a higher current is applied through multiple circuits in a branched configuration.
Note 2 : Includes temperature rise caused by current flow.
Note 3 : The term "storage" refers to the long-term storage condition of unused products before PCB mounting. Operating
temperature/humidity range refers to the non powered state after PCB mounting, and temporary storage during
transportation.
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
●Connector
DF 63W
-
* S - 3.96 C
qw
e
r t
y
u
qSeries name
: DF
tConnector type
S
: Socket
EP
: In-line plug
wSeries No.
: 63W
eOuter diameter of wire insulation
 
None
:2.8 to 3.2
 
A
:1.7 to 2.4
yContact pitch : 3.96mm
uTermination style
C
: Crimp socket
rNumber of contacts : 2, 3, 4
●Contact
DF 63W - 1618 PCF
qw
e
r
qSeries name : DF
rContact type/Packaging type
SCF
: Socket crimp contact, reel
SC
: Socket crimp contact, pieces
PCF
: In-line plug crimp contact, reel
PC
: In-line plug crimp contact, pieces
wSeries No. : 63 (W)
eApplicable wire size
1618
: 16 to 18 AWG
2022
: 20 to 22 AWG
■Materials / Finish
Product
Parts
Materials
Finish
UL flame retardant grade
In-line plug crimp contact
Contacts
Copper alloy
Tin plated
−
Socket crimp contact
Contacts
Copper alloy
Tin plated
−
In-line plug
Housing
PBT
Black
UL94V-0
Seal
Silicone rubber
Blue or green
−
Crimp socket
Housing
PBT
Black
UL94V-0
Seal
Silicone rubber
Blue or green
−



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com