Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT802/DF63-1618P-2 Datasheet(PDF) 3 Page - Hirose Electric

Part # HT802/DF63-1618P-2
Description  3.96mm pitch compact waterproof connectors for internal power supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/DF63-1618P-2 Datasheet(HTML) 3 Page - Hirose Electric

  HT802/DF63-1618P-2 Datasheet HTML 1Page - Hirose Electric HT802/DF63-1618P-2 Datasheet HTML 2Page - Hirose Electric HT802/DF63-1618P-2 Datasheet HTML 3Page - Hirose Electric HT802/DF63-1618P-2 Datasheet HTML 4Page - Hirose Electric HT802/DF63-1618P-2 Datasheet HTML 5Page - Hirose Electric HT802/DF63-1618P-2 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
DF63W Series
●3.96mm pitch compact waterproof connectors for internal power supplies
[Dimensions for 2 contact position connector]
[Dimensions for 2 contact position connector]
[Dimensions for 3 and 4 contact position connector]
[Dimensions for 3 and 4 contact position connector]
■In-line plug
■Crimp socket
Unit : mm
Part No.
HRS No.
No. of contacts Outer diameter of wire insulation
DF63W-2EP-3.96C
680-0605-9
2
2.8 to 3.2
DF63W-3EP-3.96C
680-0606-1
3
DF63W-4EP-3.96C
680-0607-4
4
DF63WA-2EP-3.96C
680-0609-0
2
1.7 to 2.4
DF63WA-3EP-3.96C
680-0610-9
3
DF63WA-4EP-3.96C
680-0611-1
4
Note 1 : Standard packaging is 100 pcs/pack. Please place orders in full package
quantities.
Unit : mm
Part No.
HRS No.
No. of contacts Outer diameter of wire insulation
DF63W-2S-3.96C
680-0613-7
2
2.8 to 3.2
DF63W-3S-3.96C
680-0614-0
3
DF63W-4S-3.96C
680-0615-2
4
DF63WA-2S-3.96C
680-0617-8
2
1.7 to 2.4
DF63WA-3S-3.96C
680-0618-0
3
DF63WA-4S-3.96C
680-0619-3
4
Note 1 : Standard packaging is 100 pcs/pack.
Please place orders in full package quantities.
22
22
P=3.96
P=3.96
P=3.96
P=3.96
37.96
37.96



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com