Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT13SC-2S-R Datasheet(PDF) 18 Page - Hirose Electric

Part # GT13SC-2S-R
Description  Highly efficient and reliable one step crimp termination allows high volume production with semiautomatic equipment.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT13SC-2S-R Datasheet(HTML) 18 Page - Hirose Electric

Back Button GT13SC-2S-R Datasheet HTML 11Page - Hirose Electric GT13SC-2S-R Datasheet HTML 12Page - Hirose Electric GT13SC-2S-R Datasheet HTML 13Page - Hirose Electric GT13SC-2S-R Datasheet HTML 14Page - Hirose Electric GT13SC-2S-R Datasheet HTML 15Page - Hirose Electric GT13SC-2S-R Datasheet HTML 16Page - Hirose Electric GT13SC-2S-R Datasheet HTML 17Page - Hirose Electric GT13SC-2S-R Datasheet HTML 18Page - Hirose Electric GT13SC-2S-R Datasheet HTML 19Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
46
GT13 Series ● For Antenna
Part No.
HRS No.
Material
/Plating or Color
Packaging RoHS
GT13SH-1/1PP-DS
763-0050-9 00
Housing
:PBT/Light Gray
Center terminal
:Copper alloy/Tin plating
Outer terminal
:Copper alloy
/Tin plating
Power terminal
:Copper alloy
/Tin plating
Metal bracket
:Copper alloy
/Tin plating
1
YES
Part No.
HRS No.
Material
/Plating
Color
Packaging RoHS
GT13SHA-1/1PP-DS 763-0057-8 00
Housing
:PBT
Center terminal
:Copper alloy
/Tin plating
Outer terminal
:Copper alloy
/Tin plating
Power terminal
:Copper alloy
/Tin plating
Metal bracket
:Copper alloy
/Tin plating
Light Gray
1
YES
Part No.
HRS No.
Material
/Plating
Color
Packaging RoHS
GT13SHA-1/1PP-DS(A) 763-0058-0 00
Housing
:PBT
Center terminal
:Copper alloy/Tin plating
Outer terminal
:Copper alloy/Tin plating
Power terminal
:Copper alloy/Tin plating
Metal bracket
:Copper alloy/Tin plating
Brown
1
YES
18.4
5.1
15.3
GT13SH-1/1S-R
GT13SH-1/1S-HU
(25.9)
15.3
10.4
4-R1
0.2
Board
5
11.7
14.5
For inner terminal
Ø1
For outer terminal
2-Ø1
1.5
6.6
Lands
Ø2
Lands
3-Ø1.6
Ø3.5
For power supply terminal
Ø1.4
(10.6)
16.6
12.7
φ3.5
(25.9)
15.3 (10.6)
GT13SH-1/1S-R
GT13SH-1/1S-HU
Board
15
4-R1
0.2
For inner terminal
Ø1
For outer terminal
2-Ø1
Lands
Ø2
Lands
3-Ø1.6
For power supply terminal
Ø1.4
6.6
1.5
10.1
10.4
(25.9)
15.3(10.6)
GT13SH-1/1S-R
GT13SH-1/1S-HU(A)
16.6
1.5
6.6
Ø3.5
For power supply terminal
Ø1.4
Lands
3-Ø1.6
Lands
Ø2
For outer terminal
2-Ø1
For inner terminal
Ø1
10.1
Board
15
4-R1
0.2
10.4
Printed Circuit Board Type
(1 Coaxial + 1 Power contact)
Printed Circuit Board Type
(1 Coaxial + 1 Power contact)
Printed Circuit Board Type
(1 Coaxial + 1 Power contact)
BRecommended panel
cutout dimension
BRecommended panel
cutout dimension
BRecommended PCB
pattern
BRecommended PCB
pattern
BMated condition
BMated condition
BMated condition
BRecommended panel
cutout dimension
BRecommended PCB
pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com