Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT1-1/1S-R Datasheet(PDF) 6 Page - Hirose Electric

Part # GT1-1/1S-R
Description  Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT1-1/1S-R Datasheet(HTML) 6 Page - Hirose Electric

Back Button GT1-1/1S-R Datasheet HTML 2Page - Hirose Electric GT1-1/1S-R Datasheet HTML 3Page - Hirose Electric GT1-1/1S-R Datasheet HTML 4Page - Hirose Electric GT1-1/1S-R Datasheet HTML 5Page - Hirose Electric GT1-1/1S-R Datasheet HTML 6Page - Hirose Electric GT1-1/1S-R Datasheet HTML 7Page - Hirose Electric GT1-1/1S-R Datasheet HTML 8Page - Hirose Electric GT1-1/1S-R Datasheet HTML 9Page - Hirose Electric GT1-1/1S-R Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
GT1 Series
12
Part Number
CL No.
Item
Material
Finish
Color
Housing
PBT
----
Light gray
Insulator
PBT
----
Dark gray
GT1-1P-DS
751-0006-7
0.64X1.1 Terminal
Brass
Tin plating
----
Outer terminal
Brass
Tin plating
----
Ground terminal
Stainless
----
----
For outer conductor
13.5
15.4
For inner conductor
2-
For outer conductor
15.4
19
24
13.5
16.5
For inner conductor
2-
4-
+0.1
0
Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness of 0.16mm)
Part Number
CL No.
Item
Material
Finish
Color
Housing
PBT
----
Light gray
Insulator
PBT
----
Dark gray
GT1-1P-DSA
751-0005-4
0.64X1.1 Terminal
Brass
Tin plating
----
Outer terminal
Brass
Tin plating
----
Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness of 0.16mm)
BRecommended Board Mounting Pattern
Printed Circuit Type (Right angle through hole type)
Printed Circuit Type (Straight through hole type)
BRecommended Board Mounting Pattern
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com