Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63151FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M63151FP
Description  Polygon Scanner Motor Driver (DMOS Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63151FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M63151FP Datasheet HTML 1Page - Renesas Technology Corp M63151FP Datasheet HTML 2Page - Renesas Technology Corp M63151FP Datasheet HTML 3Page - Renesas Technology Corp M63151FP Datasheet HTML 4Page - Renesas Technology Corp M63151FP Datasheet HTML 5Page - Renesas Technology Corp M63151FP Datasheet HTML 6Page - Renesas Technology Corp M63151FP Datasheet HTML 7Page - Renesas Technology Corp M63151FP Datasheet HTML 8Page - Renesas Technology Corp M63151FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
M63151FP
Rev.1.0, Sep.16.2003, page 2 of 13
Pin Functions
Package outline (42P9R)
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
1
2
3
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
VREG
CP2
Vboot
NC
V
CRLP
Pref
CPout
/ACC
/DEC
TEST
PS
RLP
RS
GND
RNF
Hw+
Hw-
Hv+
N.C.
RCP
Rfc
Cfc
Hu-
Hu+
Hv-
N.C.
VCC
W
U
N.C.
GND
GND
Description of Pin Functions
Pin
No.
Pin
Name
Description
Pin
No.
Pin
Name
Description
1
VCC
Motor power supply
42
Pref
PWM control voltage input
2
VREG
Internal power supply
41
CPout
Charge-pump output
3
cp2
Pin 2 for connection of the step-up
voltage capacitor
40
/ ACC
Input: request for acceleration
4
cp1
Pin 1 for connection of the step-up
voltage capacitor
39
/ DEC
Input: request for deceleration
5
Vboot
Stepped-up voltage power-supply
(internal)
38
RLP
Resistor connection pin for lock
protection
6
N.C.
Open
37
CRLP
Capacitor connection pin for lock
protection
7
W
W-phase drive output
29
N.C.
Open
8
V
V-phase drive output
36
TEST
Test pin (Tj detection)
9 to
13
GND
Ground
35
PS
Power-save switchover
14
N.C.
Open
30 to
34
GND
Ground
15
Rs
Output of detected current
28
Cfc
For connecting the resistor used to set
the PWM cycle
16
U
U-phase drive output
27
Rfc
For connecting the capacitor used to set
the PWM cycle
17
Rss
Current detection
26
RCP
Charge-pump output current setting
18
GND
Ground
25
Hu+
Hall signal input pin
19
N.C.
Open
24
Hu-
Hall signal input pin
20
Hw-
Hall signal input pin
23
Hv+
Hall signal input pin
21
Hw+
Hall signal input pin
22
Hv-
Hall signal input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com