Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT13SH-1/1S-R Datasheet(PDF) 10 Page - Hirose Electric

Part # GT13SH-1/1S-R
Description  Highly efficient and reliable one step crimp termination allows high volume production with semiautomatic equipment.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT13SH-1/1S-R Datasheet(HTML) 10 Page - Hirose Electric

Back Button GT13SH-1/1S-R Datasheet HTML 6Page - Hirose Electric GT13SH-1/1S-R Datasheet HTML 7Page - Hirose Electric GT13SH-1/1S-R Datasheet HTML 8Page - Hirose Electric GT13SH-1/1S-R Datasheet HTML 9Page - Hirose Electric GT13SH-1/1S-R Datasheet HTML 10Page - Hirose Electric GT13SH-1/1S-R Datasheet HTML 11Page - Hirose Electric GT13SH-1/1S-R Datasheet HTML 12Page - Hirose Electric GT13SH-1/1S-R Datasheet HTML 13Page - Hirose Electric GT13SH-1/1S-R Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
38
GT13 Series ● For Antenna
19.6
9.2
14.7
3
(35.2)
(10.6)
GT13SC-2S-HU
GT13SC-2S-R
GT13SC-2S-R
(1.5) (1.5)
21.65
17.175
9.2
BMated condition
BMated condition
(38.6)
(10.6)
GT13SC-2/1S-HU
GT13SC-2/1PP-R
(1.5)
GT13SC-2/1S-R
(1.5)
BMated condition
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT13SCN-2PP-HU
763-0046-1 00
PBT
Light Gray
1
YES
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT13SCH-2PP-HU
763-0072-1 00
PBT
Light Gray
1
YES
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT13SCN-2/1PP-HU 763-0038-3 00
PBT
Light Gray
1
YES
Note : GT10SC-2022PCF or GT10A-2022PCF is used for power supply terminals.
M Housing (2 coaxials)
M Housing (2 Coaxials + 1 Power contact)
M Housing (2 coaxials)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com