Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EADCF040RA4 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # EADCF040RA4
Description  Industrial standard size
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EADCF040RA4 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  EADCF040RA4 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EADCF040RA4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EADCF040RA4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EADCF040RA4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EADCF040RA4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EADCF040RA4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATASHEET
Display
Through-hole
EADCF040RA4
2
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : May 19, 2014
Issue No :1. Rev.1
www.everlightamericas.com
Device Selection Guide
Chip Materials
Emitted Color
Resin Color
AlGaInP
Dark - Red
White Diffusion
Absolute Maximum Ratings (Ta=25℃
℃
℃
℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
60
mA
Power Dissipation
Pd
60
mW
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Soldering Temperature
(Soldering time
≦5 seconds)
Tsol
260
℃
Electro-Optical Characteristics (Ta=25℃
℃
℃
℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
*1
Iv
5.6
8.9
-----
mcd
IF=10mA
Peak Wavelength
λ
p
-----
639
-----
nm
IF=20mA
Dominant Wavelength
λ
d
-----
631
-----
nm
IF=20mA
Spectrum Radiation Bandwidth
∆λ
-----
20
-----
nm
IF=20mA
Forward Voltage
VF
-----
2.0
2.4
V
IF=20mA
Reverse Current
IR
-----
-----
100
µ
A
VR=5V
Note:
1. Luminous Intensity is a average value which is measured one 7-segment.
2. Tolerance of Luminous Intensity: ± 10
%
3. Tolerance of Forward Voltage: ± 0.1V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com