Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRFC-R1 Datasheet(PDF) 3 Page - Hirose Electric

Part # HRFC-R1
Description  FC Type Fiber Optic Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HRFC-R1 Datasheet(HTML) 3 Page - Hirose Electric

  HRFC-R1 Datasheet HTML 1Page - Hirose Electric HRFC-R1 Datasheet HTML 2Page - Hirose Electric HRFC-R1 Datasheet HTML 3Page - Hirose Electric HRFC-R1 Datasheet HTML 4Page - Hirose Electric HRFC-R1 Datasheet HTML 5Page - Hirose Electric HRFC-R1 Datasheet HTML 6Page - Hirose Electric HRFC-R1 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
32
HRFC Series
●FC Type Fiber Optic Connectors
Flange type
Solid Body type
■FC products
Plug Housing
For 2mm cord,
Molded keying ring type
For 3mm cord,
Molded keying ring type
For 0.9mm fiber,
Molded keying ring type
Single mode
Multi mode
FC to SC
Standard type
Round type
FC to SC
Ferrule
Adapter
Conversion adapter
Receptacle
Dust cap
HRFC-type
Connector



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com