Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPQ3115BVT1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # FXPQ3115BVT1
Description  I2C precision pressure sensor with altimetry
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPQ3115BVT1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button FXPQ3115BVT1 Datasheet HTML 3Page - NXP Semiconductors FXPQ3115BVT1 Datasheet HTML 4Page - NXP Semiconductors FXPQ3115BVT1 Datasheet HTML 5Page - NXP Semiconductors FXPQ3115BVT1 Datasheet HTML 6Page - NXP Semiconductors FXPQ3115BVT1 Datasheet HTML 7Page - NXP Semiconductors FXPQ3115BVT1 Datasheet HTML 8Page - NXP Semiconductors FXPQ3115BVT1 Datasheet HTML 9Page - NXP Semiconductors FXPQ3115BVT1 Datasheet HTML 10Page - NXP Semiconductors FXPQ3115BVT1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NXP Semiconductors
FXPQ3115BV
I2C precision pressure sensor with altimetry
FXPQ3115BVSDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Short data sheet: technical data
Rev. 1 — 9 October 2017
7 / 14
8.3 Electrical characteristics
Table 6. Electrical characteristics
@ VDD = 2.5 V, T = 25 °C unless otherwise noted.
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDDIO
I/O supply voltage
—
1.62
1.8
3.6
V
VDD
Operating supply voltage
—
1.95
2.5
3.6
V
Highest speed mode
oversample = 1
—
8.5
—
µA
Standard mode oversample
= 16
—
40
—
µA
IDD
Integrated current 1 update
per second
High resolution mode
oversample = 128
—
265
—
µA
IDDMAX
Max current during
acquisition and conversion
During acquisition/
conversion
—
2
—
mA
IDDSTBY
Supply current drain in
STANDBY mode
STANDBY mode selected
SBYB = 0
—
2
—
µA
VIH
Digital high level input
voltage
SCL, SDA
—
0.75
—
—
VDDIO
VIL
Digital low level input voltage
SCL, SDA
—
—
—
0.3
VDDIO
VOH
High level output voltage
INT1, INT2
IO = 500 µA
0.9
—
—
VDDIO
VOL
Low level output voltage
INT1, INT2
IO = 500 µA
—
—
0.1
VDDIO
VOLS
Low level output voltage
SDA
IO = 500 µA
—
—
0.1
VDDIO
High speed mode
—
—
60
ms
TON
Turn-on time [1][2][3]
High resolution mode
—
—
1000
ms
TOP
Operating temperature range —
−40
25
+85
°C
I2C addressing
I2C Address
—
—
0x60
Hex
The device uses 7-bit addressing and does not acknowledge general call address 000 0000. Slave address has been set
to 60h or 110 0000. 8-bit read is C1h, 8-bit write is C0h.
[1]
Time to obtain valid data from STANDBY mode to ACTIVE mode
[2]
High speed mode is achieved by setting the oversample rate of 1x.
[3]
High resolution mode is achieved by setting the oversample to 128x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com