Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9505EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9505EEE
Description  DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9505EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9505EEE Datasheet HTML 3Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 4Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 5Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 6Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 7Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 8Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 9Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 10Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DirectDrive Video Amplifier with
Reconstruction Filter and Analog Switch
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VDD = CPVDD = MODE1 = 3.0V, MODE0 = SGND = GND = CPGND = 0V, no load, C1 = C2 = C3 = C4 = 1µF, RBIAS = 100k
Ω, TA =
TMIN to TMAX. RIN = 150
Ω to SGND, unless otherwise noted. VVIDIN = 286mV, gain = 6dB. Typical values are at TA = +25°C, unless
otherwise noted.)
DIFFERENTIAL GAIN AND PHASE
5
4
3
2
0.2
0.1
-0.1
0
0.3
-0.3
16
5
4
3
2
0.2
0.1
-0.2
-0.1
0
0.3
-0.3
16
-0.2
2T RESPONSE
MAX9505 toc11
VIDIN
200mV/div
VIDOUT
400mV/div
100ns/div
12.5T RESPONSE
MAX9505 toc12
VIDIN
250mV/div
VIDOUT
500mV/div
400ns/div
OUT RESPONSE
TO NTC-7 VIDEO TEST SIGNAL
MAX9505 toc13
VIDIN
500mV/div
VIDOUT
1V/div
10
µs/div
0V
0V
FIELD SQUARE-WAVE RESPONSE
MAX9505 toc14
VIDIN
500mV/div
VIDOUT
1V/div
2ms/div
0V
0V
ON-RESISTANCE vs. VSOUT
VSOUT (V)
3.0
2.4
1.8
1.2
0.6
1
2
3
4
5
0
0
3.6
MODE0 = MODE1 = VDD
VDD = 2.7V
VDD = 3.0V
VDD = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com