Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPMD100B120RH Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MPMD100B120RH
Description  NPT & Rugged Type 1200V IGBT Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MPMD100B120RH Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MPMD100B120RH Datasheet HTML 1Page - MagnaChip Semiconductor. MPMD100B120RH Datasheet HTML 2Page - MagnaChip Semiconductor. MPMD100B120RH Datasheet HTML 3Page - MagnaChip Semiconductor. MPMD100B120RH Datasheet HTML 4Page - MagnaChip Semiconductor. MPMD100B120RH Datasheet HTML 5Page - MagnaChip Semiconductor. MPMD100B120RH Datasheet HTML 6Page - MagnaChip Semiconductor. MPMD100B120RH Datasheet HTML 7Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
March 2013.Version 2.0
MagnaChip Semiconductor Ltd.
2
Electrical Characteristics of IGBT @T
C =25
oC(unless otherwise specified)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics
Collector-Emitter Breakdown Voltage
BVCES
IC = 1mA, VGE = 0V
1200
-
-
V
Gate Threshold Voltage
VGE(th)
VCE = VGE, IC = 2mA
4.5
-
7.5
Collector Cut-Off Current
ICES
VCE = 1200V, VGE = 0V
-
-
1
mA
Gate Leakage Current
IGES
VGE = ±20V, VCE = 0V
-
-
±250
nA
Collector-Emitter saturation voltage
VCE(sat)
VGE = 15V,
IC=100A
TC=25℃
-
2.7
3.2
V
TC=100℃
-
3.3
-
V
Dynamic Characteristics
Total Gate Charge
Qg
VCC = 600V, IC = 100A,
VGE = ±15V
-
400
-
nC
Gate-Emitter Charge
Qge
-
44
-
Gate-Collector Charge
Qgc
-
236
-
Input Capacitance
Cies
VCE = 30V, VGE = 0V,
f = 1.0MHz
-
4760
-
pF
Output Capacitance
Coes
-
518
-
Reverse Transfer Capacitance
Cres
-
175
--
Turn-On Delay Time
td(on)
VCC = 600V, IC =100A,
VGE =±15V,
RG = 10Ω, Inductive Load
-
135
-
ns
Rise Time
tr
-
60
-
Turn-Off Delay Time
td(off)
-
450
-
Fall Time
tf
-
70
-
Turn on Switching
Loss
Eon
-
6.7
-
mJ
Turn off Switching
Loss
Eoff
-
6.0
-
mJ
Total Switching
Loss
Ets
-
12.7
-
mJ
Short Circuit Withstand Time
Tsc
Vcc = 600V, VGE = ±15V
RG = 10 Ω @ Tc = 100℃
10
-
-
us
Electrical Characteristics of FRD @Ta =25oC(unless otherwise specified)
Diode Forward Voltage
VFM
IF=100A
TC=25℃
-
2.9
3.5
V
TC=100℃
-
2.3
-
Diode Reverse Recovery Time
trr
IF =100A,
VR=600V,
di/dt = -200A/us
TC=25℃
-
100
-
ns
TC=100℃
220
Diode Peak Reverse
Recovery Current
Irr
TC=25℃
-
5
-
A
TC=100℃
-
15
-
Diode Reverse
Recovery Charge
Qrr
TC=25℃
-
250
-
nC
TC=100℃
-
1650
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com