Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # 24C01
Description  1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

24C01 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button 24C01 Datasheet HTML 3Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 4Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 5Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 6Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 7Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 8Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 9Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 10Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
7
Rev. D
06/25/02
IS24C01
IS24C02
IS24C04
IS24C08
IS24C16
ISSI®
SLAVE ADDRESS
DATA VALIDITY PROTOCOL
SCL
SDA
Data Stable
Data Stable
Data Change
7
BIT
43
1
2
5
60
R/
W
B0
B1
B2
0
1
0
1
LSB
IS24C16
IS24C08
MSB
7
BIT
43
1
2
5
60
R/
W
A0
A1
A2
0
1
0
1
IS24C01
IS24C02
7
BIT
43
1
2
5
60
R/
W
B0
B1
A2
0
1
0
1
7
BIT
43
1
2
5
60
R/
W
B0
A1
A2
0
1
0
1
IS24C04
BYTE WRITE
SDA
Bus
Activity
S
T
A
R
T
M
S
B
L
S
B
M
S
B
W
R
I
T
E
S
T
O
P
R/W
A
C
K
A
C
K
A
C
K
Data
Device
Address
Word Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com