Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP21AM Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # TP21AM
Description  Touch panel with 14.5 cm/5.7" FSTN-display (analog resistive (polyester)), 320 x 240 Pixel(s) (QVGA), 5 grayscales, ARM9?? 200 MHz, 2x USB host 2.0, 1 x Ethernet (10/100 Mbps), RJ45, Windows CE 5.0 and user software: TSvisRT. (bus system: CAN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

TP21AM Datasheet(HTML) 2 Page - PHOENIX CONTACT

  TP21AM Datasheet HTML 1Page - PHOENIX CONTACT TP21AM Datasheet HTML 2Page - PHOENIX CONTACT TP21AM Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2401017
08/14/2018   Page 2 / 3
Touch panel - TP21AM/742000 S00001 - 2401017
Technical data
Display
Colors
5 grayscales
Computer data
Processor
ARM9™, 200 MHz
Operating systems
Windows® CE 5.0
User software
TSvisRT
RAM
64 MB SDRAM
512 KB SRAM
Mass storage
NOR-Flash, 32 MB
Network
1 x Ethernet (10/100 Mbps), RJ45
Interfaces
2x USB host 2.0
Bus system
CAN
Optional interfaces
none
Realtime clock
Yes
Service life of battery
5 years (typical)
General
Material front plate
Aluminum (natural anodized)
Housing material
Steel sheet, zinc-plated
Mounting type
Front installation
Weight
680 g
Ambient conditions
Degree of protection
IP65 (front), IP20 (back)
NEMA 4X
Ambient temperature (operation)
0 °C ... 50 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C
Permissible humidity (operation)
20 % ... 85 %
Vibration (operation)
1g, according to EN 60068-2-6
Shock
15g, according to IEC 60068-2-27
Device supply
Typical current consumption
0.25 A
Power supply unit
24 V DC +/- 20 %
Standards and Regulations
Shock
15g, according to IEC 60068-2-27
Vibration (operation)
1g, according to EN 60068-2-6
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 15;
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com