Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP21AS Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # TP21AS
Description  Touch panel with 14.5 cm/5.7" TFT active-display (analog resistive (polyester)), 320 x 240 Pixel(s) (QVGA),
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

TP21AS Datasheet(HTML) 1 Page - PHOENIX CONTACT

  TP21AS Datasheet HTML 1Page - PHOENIX CONTACT TP21AS Datasheet HTML 2Page - PHOENIX CONTACT TP21AS Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2401025
08/14/2018   Page 1 / 3
Touch panel - TP21AS/732000 S00001 - 2401025
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Touch panel with 14.5 cm/5.7" TFT active-display (analog resistive (polyester)), 320 x 240 Pixel(s) (QVGA),
65536 colors, ARM9™, 200 MHz, 2x USB host 2.0, 1 x Ethernet (10/100 Mbps), RJ45, Windows CE
5.0 and user software: TSvisRT. (bus system: MPI)
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626096995
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
External dimension, width
203 mm
External dimension, height
147 mm
External dimension, depth
5 mm
Note regarding external dimension
Dimensions of the front plate
Installation dimension, width
195 mm
Installation dimension, height
139 mm
Installation dimension, depth
66 mm
Note regarding installation dimension
Mounting cutout, depth with bus if bus system present in the device
Display
Display
14.5 cm/5.7" TFT active
Screen resolution
320 x 240 Pixel(s) (QVGA)
Backlighting
LED
Display backlight MTBF
40000 h
Touch technology
analog resistive (polyester)


Similar Part No. - TP21AS

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
TP21AM PHOENIX-TP21AM Datasheet
57Kb / 3P
Touch panel with 14.5 cm/5.7" FSTN-display (analog resistive (polyester)), 320 x 240 Pixel(s) (QVGA), 5 grayscales, ARM9?? 200 MHz, 2x USB host 2.0, 1 x Ethernet (10/100 Mbps), RJ45, Windows CE 5.0 and user software: TSvisRT. (bus system: CAN)
More results

Similar Description - TP21AS

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
TP21AM PHOENIX-TP21AM Datasheet
57Kb / 3P
Touch panel with 14.5 cm/5.7" FSTN-display (analog resistive (polyester)), 320 x 240 Pixel(s) (QVGA), 5 grayscales, ARM9?? 200 MHz, 2x USB host 2.0, 1 x Ethernet (10/100 Mbps), RJ45, Windows CE 5.0 and user software: TSvisRT. (bus system: CAN)
TP-3043W PHOENIX-TP-3043W Datasheet
64Kb / 3P
Touch panel with 10,92 cm / 4,3"-TFT-display (analog resistive (polyester)), 480 x 272 Pixel(s) (WQVGA),
TP-3090W PHOENIX-TP-3090W Datasheet
63Kb / 3P
Touch panel with 22.9 cm/9" TFT-display (analog resistive (polyester)), 800 x 480 Pixel(s) (WVGA), 262144
TP-3154W PHOENIX-TP-3154W Datasheet
63Kb / 3P
Touch panel with 39.12 cm / 15.4"-TFT-display (analog resistive (polyester)), 1280 x 800 Pixel(s) (WXGA),
TPE057SGV PHOENIX-TPE057SGV Datasheet
56Kb / 3P
Rugged-Touch panel with 14.5 cm/5.7" TFT active-display (analog resistive (polyester)),
TPG070SGW PHOENIX-TPG070SGW Datasheet
57Kb / 3P
Rugged-Touch panel with 17.8 cm/7" TFT-display (Analog resistive (GFG)), 800 x 480 Pixel(s) (WVGA),
logo
WAGO Kontakttechnik Gmb...
762-3057-000-001 WAGO-762-3057-000-001 Datasheet
171Kb / 6P
Control Panel; 14.5 cm (5.7"); 320 x 240 pixels; Target Visualization
762-1057 WAGO-762-1057 Datasheet
158Kb / 5P
Web Panel; 14.5 cm (5.7"); 320 x 240 pixels
logo
Schneider Electric
HMIGTO2300 SCHNEIDER-HMIGTO2300 Datasheet
208Kb / 8P
advanced touchscreen panel 320 x 240 pixels QVGA- 5.7" TFT - 64 MB
Aug 11, 2019
HMIGK2310 SCHNEIDER-HMIGK2310 Datasheet
174Kb / 8P
Keypad-touchscreen panel color - 320 x 240 pixels QVGA- 5.7
May 2, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com