Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMA08Z Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MSMA08Z
Description  Minas A Series Digital AC Servo Motors & Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MSMA08Z Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MSMA08Z Datasheet HTML 1Page - Panasonic Semiconductor MSMA08Z Datasheet HTML 2Page - Panasonic Semiconductor MSMA08Z Datasheet HTML 3Page - Panasonic Semiconductor MSMA08Z Datasheet HTML 4Page - Panasonic Semiconductor MSMA08Z Datasheet HTML 5Page - Panasonic Semiconductor MSMA08Z Datasheet HTML 6Page - Panasonic Semiconductor MSMA08Z Datasheet HTML 7Page - Panasonic Semiconductor MSMA08Z Datasheet HTML 8Page - Panasonic Semiconductor MSMA08Z Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Panasonic
Minas A Series Digital AC Servo Motors & Drivers
MSMA Series
(Low Inertia)
TABLE OF CONTENTS
TABLE OF CONTENTS
MFECA
«««0llA
Motor / Driver Options
RS485 Cable
DV0P197
­
RS232C Cable
DV0P1960
Interface Cable
DV0P2190
Encoder Cable
Motor Power Cable
MFMCA
«««0EET
Optional Brake Cable
MFMCA
«««0EET MFMCB«««0GET
Comm. Software
DV0P2820
DC24V
Driver
MSDA _ _ _ _1A
See the Explanation
of Part Numbers in
the Minas A Series
Drivers section.
¤
¤
¤
¤
Motor
MSMA _ _ _ _1 _
See the Explanation of
Part Numbers on the
previous page.
­
h
t
g
n
e
l
e
l
b
a
c
s
t
c
e
l
e
S
)
n
i
7
8
.
7
(
m
m
0
0
2
=
0
)
n
i
9
6
.
1
(
m
m
0
0
5
=
1
)
n
i
7
3
.
9
3
(
m
m
0
0
0
1
=
2
l
l
)
W
0
5
7
-
0
3
(
l
a
t
n
e
m
e
r
c
n
i
r
/
p
0
0
5
2
=
A
E
)
W
k
0
.
5
-
0
.
1
(
l
a
t
n
e
m
e
r
c
n
i
r
/
p
0
0
5
2
=
S
E
)
W
0
5
7
-
0
3
(
e
t
u
l
o
s
b
a
t
i
b
7
1
=
A
L
)
W
k
0
.
5
-
0
.
1
(
e
t
u
l
o
s
b
a
t
i
b
7
1
=
S
L
«
«
«
h
t
g
n
e
l
e
l
b
a
c
s
t
c
e
l
e
S
)
t
f
4
8
.
9
(
m
3
=
3
0
0
)
t
f
0
4
.
6
1
(
m
5
=
5
0
0
)
t
f
1
8
.
2
3
(
m
0
1
=
0
1
0
)
t
f
2
6
.
5
6
(
m
0
2
=
0
2
0
MFMCD
«««2ECT
MFMCA
«««3ECT
MFMCA
«««2FCT MFMCA«««3FCT
NET
SER
I/F
SIG
U
V
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com