Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMA10Z Datasheet(PDF) 39 Page - Panasonic Semiconductor

Part # MSMA10Z
Description  Minas A Series Digital AC Servo Motors & Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MSMA10Z Datasheet(HTML) 39 Page - Panasonic Semiconductor

Back Button MSMA10Z Datasheet HTML 31Page - Panasonic Semiconductor MSMA10Z Datasheet HTML 32Page - Panasonic Semiconductor MSMA10Z Datasheet HTML 33Page - Panasonic Semiconductor MSMA10Z Datasheet HTML 34Page - Panasonic Semiconductor MSMA10Z Datasheet HTML 35Page - Panasonic Semiconductor MSMA10Z Datasheet HTML 36Page - Panasonic Semiconductor MSMA10Z Datasheet HTML 37Page - Panasonic Semiconductor MSMA10Z Datasheet HTML 38Page - Panasonic Semiconductor MSMA10Z Datasheet HTML 39Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
Panasonic
Minas A Series Digital AC Servo Motors & Drivers
MSMA Series
(Low Inertia)
TABLE OF CONTENTS
TABLE OF CONTENTS
Dimensions
Units: mm(in)
e
k
a
r
BL
L
LM
L1
B
K2
B
KS
R
LW
LK
LW
KH
KH
R
t
u
o
h
t
i
W
5
4
3
)
3
8
5
.
3
1
(
0
8
2
)
4
2
0
.
1
1
(
5
3
2
)
2
5
2
.
9
(
5
0
2
)
1
7
0
.
8
(
0
6
2
)
6
3
2
.
0
1
(
4
2
)
5
4
9
.
0
(
5
6
)
9
5
5
.
2
(
5
5
)
5
6
1
.
2
(
1
5
)
8
0
0
.
2
(
8
)
5
1
3
.
0
(
7
)
6
7
2
.
0
(
0
2
)
7
8
7
.
0
(
h
t
i
W
0
7
3
)
7
6
5
.
4
1
(
5
0
3
)
8
0
0
.
2
1
(
0
6
2
)
6
3
2
.
0
1
(
0
3
2
)
5
5
0
.
9
(
5
8
2
)
0
2
2
.
1
1
(
MSMA502ccc - 5.0kW/200V
Panasonic Industrial Company
Industrial Motor Department
http://www.panasonic.com/pic
Telephone: 704-947-8400 ext. 221
Facsimile: 704-947-8410
imdsales@panasonic.com
Note: Dimensions reflect incremental type motor. For absolute type motor dimensions, refer to the motor
specification.
Drawing not to scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com