Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCS-1153 Datasheet(PDF) 2 Page - Level One

Part # FCS-1153
Description  Varifocal IP Network Camera, 5-Megapixel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-1153 Datasheet(HTML) 2 Page - Level One

  FCS-1153_18 Datasheet HTML 1Page - Level One FCS-1153_18 Datasheet HTML 2Page - Level One FCS-1153_18 Datasheet HTML 3Page - Level One FCS-1153_18 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
System Specifications
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3af Power over Ethernet (PoE)
TCP, UDP, HTTP, HTTPS, DHCP, PPPoE, RTP, RTSP, IPv6, DNS, DDNS, NTP, ICMP, ARP, IGMP,
SMTP, FTP, UPnP, SNMP, Bonjour
Image Sensor:
5-Megapixel 1/3.2" Progressive Scan CMOS
Lens:
Vari-focal, DC iris, Manual focus, f2.8-12mm, F1.4
Port:
1 x RJ-45 10/100 Mbps PoE Port
1 x Auto Iris (DC Drive)
I/O terminal block (1 DI/1 DO)
1 x MicroSDHC/ MicroSDXC card slot
Button/Knob:
Reset Button
Indicator:
Power
IR Cut Filter:
Removable infrared-cut filter for day & night function
Shutter Time:
1/5 ~ 1/10,000 sec
Angle of View:
70.9° - 29.2°
Pan/Tilt/Zoom:
Digital Zoom to very high detail available on Software
Video Compression:
H.264 / MJPEG
Resolution:
5M (2592x1944)
Output Video Format:
RAW
Audio Compression:
G.711
Power Input:
802.3af PoE
Power Consumption:
PoE Class 2 (IEEE802.3af) / 4.002W
Data Rate:
10/100Mbps
Storage Capacity:
SD/MicroSD memory card of up to 64GB
Features
www.level1.com
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com