Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1806G-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L1806G-SH2-R
Description  3A, ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1806G-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L1806G-SH2-R Datasheet HTML 1Page - Unisonic Technologies L1806G-SH2-R Datasheet HTML 2Page - Unisonic Technologies L1806G-SH2-R Datasheet HTML 3Page - Unisonic Technologies L1806G-SH2-R Datasheet HTML 4Page - Unisonic Technologies L1806G-SH2-R Datasheet HTML 5Page - Unisonic Technologies L1806G-SH2-R Datasheet HTML 6Page - Unisonic Technologies L1806G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
L1806
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R102-063.c
MARKING
HSOP-8
DFN3030-10
PIN CONFIGURATION
1
NC
2
3
4
56
7
8
9
10
VOUT
NC
FB
PG
EN
NC
VIN
NC
VCNTL
GND
Top View
DFN3030-10
HSOP-8
GND
1
2
3
45
6
7
8
PG
EN
VIN
VCNTL
NC
VOUT
FB
GND
11
PIN DESCRIPTION
PIN NO.
HSOP-8
DFN3030-10
PIN NAME
DESCRIPTION
1
5
PG
Power Good.Output open drain to indicate the status of VOUT via
monitoring the FB pin. This pin is pulled low when the voltage is
outside the limits, during thermal shutdown and if either VCNTL or VIN
go below their thresholds.
2
6
EN
Enable Pin. Driving this pin low will disable the part. When left
floating an internal current source will pull this pin high and enable
it.
3
8
VIN
Power Input Pin for current supply. Connect a decoupling capacitor
(≥10µF) as close as possible to the pin for noise filtering
4
10
VCNTL
BIAS supply for the controller, recommended 5V. Connect a
decoupling capacitor (≥1µF) as close as possible to the pin for
noise filtering.
5
1, 3, 7,9
NC
No Connection
6
2
VOUT
Power output pin
7
4
FB
Feedback to set the output voltage via an external resistor divider
between VOUT and GND
8
11
GND
Ground



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com