Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR71833AG-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR71833AG-S08-R
Description  LOW NOISE DUAL 300mA LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR71833AG-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LR71833AG-S08-R Datasheet HTML 1Page - Unisonic Technologies LR71833AG-S08-R Datasheet HTML 2Page - Unisonic Technologies LR71833AG-S08-R Datasheet HTML 3Page - Unisonic Technologies LR71833AG-S08-R Datasheet HTML 4Page - Unisonic Technologies LR71833AG-S08-R Datasheet HTML 5Page - Unisonic Technologies LR71833AG-S08-R Datasheet HTML 6Page - Unisonic Technologies LR71833AG-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LR7XXYY
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R102-068.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
6.0
V
Input Voltage (CE Pin)
VCE
6.0
V
Output Voltage
VOUT
-0.3 ~ VIN+0.3
V
Output Current 1
IOUT1
400
mA
Output Current 2
IOUT2
400
mA
Power Dissipation
PD
880
mW
Operating Temperature Range
TOPR
-40 ~ +85
°C
Storage Temperature Range
TSTG
-55 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(TOPT=25°C, VIN=Set VOUT+ 1V for higher output of the regulator pair, IOUT=1mA, CIN=COUT =1µF, unless otherwise
noted)
VR1/VR
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT>2.0V
×0.99
×1.01
V
Output Voltage
VOUT
VIN=Set VOUT+1V,
IOUT=1mA
VOUT ≤ 2.0V
-20
+20
mV
Output Current
IOUT
300
mA
Load Regulation
∆VOUT/ ∆IOUT 1mA ≤ IOUT ≤ 200mA
20
40
mV
1.5V≤Set VOUT<1.7V
0.40
1.00
1.7V≤Set VOUT<2.0V
0.34
0.80
2.0V≤Set VOUT<2.5V
0.29
0.50
2.5V≤Set VOUT<2.8V
0.24
0.38
Dropout Voltage
VDIF
IOUT=300mA
2.8V≤Set VOUT ≤ 3.3V
0.21
0.34
V
Supply Current
ISS
IOUT =0V
25
33
µA
Standby Current
Istandby
VCE=0V
0.1
3.0
µA
Line Regulation
∆VOUT/ ∆VIN
Set VOUT+0.5V≤VIN≤5.0V (In case that
VOUT ≤2.0V, 2.5V≤VIN ≤5.0)
0.02
0.10
%/V
Ripple Rejection
RR
f=1kHz, Ripple 0.2Vp-p, VIN=Set
VOUT+1V, IOUT=30mA (In case that
VOUT ≤2.0V, VIN=3V)
80
dB
Input Voltage (Note 1)
VIN
2.5
5.25
V
Output Voltage
Temperature Coefficient
∆VOUT/ ∆TOPT −40°C ≤TOPT≤ 85°C
±30
ppm/°C
Short Current Limit
ISC
VOUT=0V
50
mA
CE Pull-Down Current
IPD
0.05
0.3
0.6
µA
CE Input Voltage “H”
VCEH
1.5
6.0
V
CE Input Voltage “L”
VCEL
0.3
V
Output Noise
en
BW=10Hz~100kHz
30
µVrms
Low Output Nch Tr. ON
Resistance (B version)
RLOW
VIN=4.0, VCE=0V
30
Note: The maximum Input Voltage of the ELECTRICAL CHARACTERISTICS is 5.25V. In case of exceeding this
specification, the IC must be operated on condition that the Input Voltage is up to 5.5V and the total operating
time is within 500hrs.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com