Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1812G-15-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR1812G-15-SH2-R
Description  1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1812G-15-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR1812G-15-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR1812G-15-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR1812G-15-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR1812G-15-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR1812G-15-SH2-R Datasheet HTML 5Page - Unisonic Technologies LR1812G-15-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LR1812
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R102-079.a
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
HSOP-8
12: 1.2V
15: 1.5V
18: 1.8V
25: 2.5V
33: 3.3V
PIN CONFIGURATION
1
NC
NC
NC
NC
2
3
4
5
6
7
8
VIN
VOUT
GND
GND
ON/ OFF
3
2
1
4
5
ON/OFF
GND
VIN
VOUT
NC
HSOP-8
SOT-25
PIN DESCRIPTION
PIN NO.
HSOP-8
(Fixed)
SOT-25
PIN NAME
PIN DESCRIPTION
1
5
VOUT
Output voltage
2
3
ON/OFF
ON/OFF select pin, when connected to the ground the chip in
operating normally.
3, 5,6,7
4
NC
No connection
4
2
GND
GND
8
1
VIN
Input voltage
Note: The NC pin is electrically open.
The NC pin can be connected to VIN or GND.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com