Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1812G-18-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1812G-18-SH2-R
Description  1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1812G-18-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1812G-18-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR1812G-18-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR1812G-18-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR1812G-18-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR1812G-18-SH2-R Datasheet HTML 5Page - Unisonic Technologies LR1812G-18-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1812
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R102-079.a
1.0A FAST ULTRA LOW
DROPOUT LINEAR
REGULATOR WITH REVERSE
CURRENT PROTECTION
DESCRIPTION
The UTC LR1812 operate from a +1.5V ~ +6V input supply as
fast ultra low-dropout linear regulators. Wide output voltage range
options are available. The fast response characteristic to make
UTC LR1812 suitable for low voltage microprocessor application.
The low quiescent current operation and low dropout quality
caused by the CMOS process.
The UTC LR1812 has low dropout voltage. The ground pin
current is typically 60uA.
Output Voltage Precision: Multiple output voltage options are
available and ranging from 1.2V ~ 5.0V at room temperature with a
guaranteed accuracy of ±1.5%, and ±3.0% when varying line and
load.
With the reverse current protection function of a driver
transistor, the reverse current flow is prohibited when VOUT
voltage is higher than VIN voltage. For an example, when a battery
is connected to the VOUT pin, battery current will not flow back to
the UTC LR1812
The output voltage types of UTC LR1812-xx are fixed one in
the IC.
FEATURES
* Low Dropout Voltage
* The Guaranteed Output Current is 1A DC
* Output Voltage Accuracy ± 1.5%
* Over temperature Protection And Over current Protection
* Reverse Current Protection
ORDERING INFORMATION
Ordering Number
Package
Packing
LR1812G-xx-AF5-R
SOT-25
Tape Ree
LR1812G-xx-SH2-R
HSOP-8
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR1812G-18-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1812G-XX-AF5-R UTC-LR1812G-XX-AF5-R Datasheet
243Kb / 6P
Low Dropout Voltage
LR1812G-XX-SH2-R UTC-LR1812G-XX-SH2-R Datasheet
243Kb / 6P
Low Dropout Voltage
More results

Similar Description - LR1812G-18-SH2-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
3A Fast Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR1108 UTC-LR1108 Datasheet
141Kb / 6P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1107 UTC-LR1107 Datasheet
221Kb / 6P
600mA FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1108 UTC-LR1108_12 Datasheet
250Kb / 6P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR1801 UTC-LR1801 Datasheet
206Kb / 5P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR2126 UTC-LR2126 Datasheet
210Kb / 7P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1801 UTC-LR1801_18 Datasheet
371Kb / 11P
1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR2126 UTC-LR2126_15 Datasheet
267Kb / 7P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
1.0A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com