Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LADLD36L-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LADLD36L-SH2-R
Description  ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LADLD36L-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LADLD36L-SH2-R Datasheet HTML 1Page - Unisonic Technologies LADLD36L-SH2-R Datasheet HTML 2Page - Unisonic Technologies LADLD36L-SH2-R Datasheet HTML 3Page - Unisonic Technologies LADLD36L-SH2-R Datasheet HTML 4Page - Unisonic Technologies LADLD36L-SH2-R Datasheet HTML 5Page - Unisonic Technologies LADLD36L-SH2-R Datasheet HTML 6Page - Unisonic Technologies LADLD36L-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LXXLD36
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R102-090.c
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (VCNTL to GND)
VCNTL
6
V
Supply Voltage (VIN to GND)
VIN
6
V
EN and FB to GND
VI/O
VCNTL+0.3
V
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Control
VCNTL
5.5
V
Supply Voltage
Input
VIN
5.5
V
Output Current
IOUT
0 ~ 3
A
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
HSOP-8
220
°C/W
Junction to Ambient
DFN3030-10
θJA
130 (Note)
°C/W
Note: The data tested by surface mounted on a 2 inch
2 FR-4 board with 2OZ copper.
ELECTRICAL CHARACTERISTICS
(TA = 25°C, VCNTL = 5V, VIN = 1.5V, VOUT = 1.2V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCNTL Nominal Supply Current
ICNTL
EN = VCNTL
1
1.5
mA
VCNTL Shutdown Current
ISD
EN = GND
15
30
µA
VCNTL
VCNTL Rising
2.5
2.7
2.9
V
POR Threshold
VIN
VTHR
VIN Rising
0.8
0.9
1.0
V
VCNTL
0.4
V
POR Hysteresis
VIN
VHYS
0.5
V
Reference Voltage
VREF
FB =VOUT
0.6
V
Output Voltage Accuracy
IOUT=0A~3A, TJ= -25 ~125°С
-1.5
+1.5
%
Line Regulation
OUT
×
IN
OUT
V
V
∆
V
∆
IOUT=10mA,VCNTL=3~5V
-0.15
+0.15 %/V
Load Regulation
OUT
OUT
V
V
∆
IOUT=0A~3A
0.1
1.5
%
VCNTL=5V, TJ= 25°С
4.5
5.7
7
Current Limit
ILIMIT
VCNTL=5V, TJ= -25 ~ +125°С
4
A
Dropout Voltage
VD
VCNTL=5V IOUT=3A
0.2
0.3
V
Over Temperature Shutdown
OTS
TJ Rising
150
°С
Under-Voltage Threshold
VFB Falling
0.3
V
EN Logic High Threshold Voltage
VEN Rising
0.5
0.8
1.1
V
EN Hysteresis
100
mV
EN Pin Pull-Up Current
EN=GND
5
μA
POK Threshold Voltage for Power OK
VPOK
VFB Rising
90% 92% 95% VREF
POK Threshold Voltage for Power Not OK
VPNOK
VFB Falling
81%
VREF
POK Low Voltage
POK sinks 5mA
0.25 0.4
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com