Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9176 Datasheet(PDF) 8 Page - AVX Corporation

Part # 9176
Description  IDC contact provides a gas-tight connection to the PCB for long term reliability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9176 Datasheet(HTML) 8 Page - AVX Corporation

  9176 Datasheet HTML 1Page - AVX Corporation 9176 Datasheet HTML 2Page - AVX Corporation 9176 Datasheet HTML 3Page - AVX Corporation 9176 Datasheet HTML 4Page - AVX Corporation 9176 Datasheet HTML 5Page - AVX Corporation 9176 Datasheet HTML 6Page - AVX Corporation 9176 Datasheet HTML 7Page - AVX Corporation 9176 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
50
SSL - Discrete Wire IDC
Series 9176
INSERTION TOOLING
REQUIRES HAND PRESS WITH FLAT ROCK PLATES
HIGH PRODUCTION
Metal
No.
Max
Tool
of Ways
Insulation
Part Number
Dia
2
2.10
06 9176 7017 01 002
1.60
06 9176 7017 02 002
3
2.10
06 9176 7017 01 003
1.60
06 9176 7017 02 003
2 WAY
2 WAY
3 WAY
3 WAY
NOTES:
1. DIMENSIONS SHOWN ARE REFERENCE DIMENSIONS.
2. MAXIMUM COMPONENT HEIGHT 1.00MM IN THIS AREA.
3. MAXIMUM COMPONENT HEIGHT 6.00MM IN THIS AREA.
4. THE SAME RESTRICTIONS APPLY TO ALL WIRE INSULATION DIAMETERS
5. 2 AND 3 WAY TOOLS ONLY, FOR USE UNDER HAND PRESS WITH FLAT PLATES.
6. FOR HAND TOOLING REFER TO PAGE 47.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com