Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9280BG-12-AE3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LR9280BG-12-AE3-R
Description  150mA LDO REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9280BG-12-AE3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LR9280BG-12-AE3-R Datasheet HTML 1Page - Unisonic Technologies LR9280BG-12-AE3-R Datasheet HTML 2Page - Unisonic Technologies LR9280BG-12-AE3-R Datasheet HTML 3Page - Unisonic Technologies LR9280BG-12-AE3-R Datasheet HTML 4Page - Unisonic Technologies LR9280BG-12-AE3-R Datasheet HTML 5Page - Unisonic Technologies LR9280BG-12-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LR9280
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R102-065.e
TYPICAL APPLICATION CIRCUIT
VDD
VOUT
VOUT
GND
UTC
C1
C2
CE/NC
LR9280
IN
(External Components)
Output Capacitor
Ceramic Capacitor 1μF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein.
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com