Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9203PL-21-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR9203PL-21-AF5-R
Description  CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9203PL-21-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR9203PL-21-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9203PL-21-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9203PL-21-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9203PL-21-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9203PL-21-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9203PL-21-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR9203PL-21-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR9203PL-21-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR9203PL-21-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LR9203
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R102-082.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
6.5
V
CE Input Voltage
VCE
6.5
V
Power Dissipation
250
mW
Power Dissipation (Note 2) (PCB mounted)
PD
600
mW
Operating Ambient Temperature
TOPR
40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pd > (VIN-VOUT)×IOUT.
3. The power dissipation measured with the test board condition is listed as reference data.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
CIRCUITS MIN
TYP
MAX
UNIT
UTC LR9203D Type
2.0V>VOUT (T) (Note 3),
VCE=VIN, IOUT=10mA
-0.02
(Note 4)
+0.02
(Note 4)
Output Voltage
VOUT (E)
(Note 2)
2.0V≤VOUT (T) , VCE=VIN,
IOUT=10mA
1
×0.99
(Note 4)
VOUT(T)
×1.01
(Note 4)
V
Maximum Output Current
IOUTMAX
VCE=VIN
1
500
mA
Load Regulation
∆VOUT
VCE=VIN, 0.1mA≤IOUT≤300mA
1
20
50
mV
Dropout Voltage (Note 5)
VD
VCE=VIN, IOUT=300mA
1
E-1 (Note 8)
mV
Supply Current
ISS
VIN=VCE=6.0V, IOUT=0mA
2
15
30
μA
Stand-by Current
ISTB
VIN=6.0V, VCE=VSS
2
0.01
0.1
μA
Line Regulation
∆VOUT/
(∆VIN·VOUT)
VOUT (T)+0.5V≤VIN≤6.0V,
VCE=VIN, IOUT=30mA
1
E-2 (Note 9)
%/V
Input Voltage
VIN
1
6.0
V
Output Voltage
Temperature
Characteristics
∆VOUT/
(∆TOPR·VOUT)
VCE=VIN, IOUT=30mA,
-40°C≤Topr≤85°C
1
±30
ppm/°C
VOUT (T)≤4.75V,
VIN={VOUT (T)+1.0} VDC+0.5Vp-pAC,
VCE=VIN, IOUT=30mA, f=1kHz
Power Supply
Rejection Ratio
PSRR
VOUT (T)≥4.80V,
VIN=5.75VDC+0.5Vp-pAC,
VCE=VIN, IOUT=30mA, f=1kHz
3
55
dB
Current Limit
ILIM
VCE=VIN
1
510
630
750
mA
Short-circuit Current
ISHORT
VCE=VIN,
Short VOUT to VSS level
1
120
210
mA
CE High Level Voltage
VCEH
1
1.0
6.0
V
CE Low Level Voltage
VCEL
1
0.3
V
CE High Level Current
ICEH
VIN=VCE=6.0V
1
3.5
6
10
μA
CE Low Level Current
ICEL
VCE=VSS
1
-0.1
0.1
μA
CL Discharge Resistance
(Note 10)
RDCHG
VIN=6.0V, VOUT=5.0V, VCE=VSS
1
600
Ω
Thermal Shutdown
Detect Temperature
TTSD
Junction Temperature
150
°C
Thermal Shutdown
Hysteresis Width
THYS
TTSD-TTSR
25
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com