Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9203DG-22-AF5-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LR9203DG-22-AF5-R
Description  CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9203DG-22-AF5-R Datasheet(HTML) 7 Page - Unisonic Technologies

  LR9203DG-22-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9203DG-22-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9203DG-22-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9203DG-22-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9203DG-22-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9203DG-22-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR9203DG-22-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR9203DG-22-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR9203DG-22-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LR9203
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R102-082.b
VOLTAGE CHART (Cont.)
E-0
E-1
E-2
NOMINAL
VOLTAGE
(V)
OUTPUT VOLTAGE (V)
DROPOUT VOLTAGE (mV)
LINE REGULATION (%/V)
VOUT (E)
VD
∆VOUT/(∆VIN·VOUT)
VOUT (T)
CODE
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
3.500
35
3.4650
3.5350
↑
↑
↑
↑
3.550
3F
3.5145
3.5855
↑
↑
↑
↑
3.600
36
3.5640
3.6360
155
210
↑
↑
3.650
3G
3.6135
3.6865
↑
↑
↑
↑
3.700
37
3.6630
3.7370
↑
↑
↑
↑
3.750
3H
3.7125
3.7875
↑
↑
↑
↑
3.800
38
3.7620
3.8380
↑
↑
↑
↑
3.850
3J
3.8115
3.8885
↑
↑
↑
↑
3.900
39
3.8610
3.9390
↑
↑
↑
↑
3.950
3K
3.9105
3.9895
↑
↑
↑
↑
4.000
40
3.9600
4.0400
↑
↑
↑
↑
4.050
4A
4.0095
4.0905
↑
↑
↑
↑
4.100
41
4.0590
4.1410
↑
↑
↑
↑
4.150
4B
4.1085
4.1915
↑
↑
↑
↑
4.200
42
4.1580
4.2420
140
195
↑
↑
4.250
4C
4.2075
4.2925
↑
↑
↑
↑
4.300
43
4.2570
4.3430
↑
↑
↑
↑
4.350
4D
4.3065
4.3935
↑
↑
↑
↑
4.400
44
4.3560
4.4440
↑
↑
↑
↑
4.450
4E
4.4055
4.4945
↑
↑
↑
↑
4.500
45
4.4550
4.5450
↑
↑
↑
↑
4.550
4F
4.5045
4.5955
↑
↑
↑
↑
4.600
46
4.5540
4.6460
↑
↑
↑
↑
4.650
4G
4.6035
4.6965
↑
↑
↑
↑
4.700
47
4.6530
4.7470
↑
↑
↑
↑
4.750
4H
4.7025
4.7975
↑
↑
↑
↑
4.800
48
4.7520
4.8480
↑
↑
↑
↑
4.850
4J
4.8015
4.8985
↑
↑
↑
↑
4.900
49
4.8510
4.9490
↑
↑
↑
↑
4.950
4K
4.9005
4.9995
↑
↑
↑
↑
5.000
50
4.9500
5.0500
↑
↑
↑
↑



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com